Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5341 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5341
Description  105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5341 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5341 Datasheet HTML 15Page - Cirrus Logic CS5341 Datasheet HTML 16Page - Cirrus Logic CS5341 Datasheet HTML 17Page - Cirrus Logic CS5341 Datasheet HTML 18Page - Cirrus Logic CS5341 Datasheet HTML 19Page - Cirrus Logic CS5341 Datasheet HTML 20Page - Cirrus Logic CS5341 Datasheet HTML 21Page - Cirrus Logic CS5341 Datasheet HTML 22Page - Cirrus Logic CS5341 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
CS5341
DS564PP2
19
4.2.3
Master Clock
The CS5341 requires a Master clock (MCLK) which runs the internal sampling circuits and digital filters. There is
also an internal MCLK divider which is automatically activated based on the speed mode and frequency of the
MCLK. Table 3 shows a listing of the external MCLK/LRCK ratios that are required. Table 4 lists some common au-
dio output sample rates and the required MCLK frequency. Please note that not all of the listed sample rates are
supported when operating with a fast MCLK (512x, 256x, 128x for Single, Double, and Quad Speed Modes respec-
tively).
4.3
Serial Audio Interface
The CS5341 supports both I2S and Left Justified serial audio formats. Upon start-up, the CS5341 will detect the logic
level on SDOUT (pin 4). A 10 k
Ω pull-up to VL is needed to select I2S format, and a 10 kΩ pull-down to GND is
needed to select Left Justified format. Please see Figures 13 through 16 on page 14, for more information on the
required timing for the two serial audio interface formats.
Single Speed Mode
Double Speed Mode
Quad Speed Mode
MCLK/LRCK Ratio
256x, 512x
128x, 256x
64x*,128x
* Quad Speed, 64x only available in Master Mode.
Table 3. Master Clock (MCLK) Ratios
SAMPLE RATE (kHz)
MCLK (MHz)
32
8.192
44.1
11.2896
22.5792
48
12.288
24.576
64
8.192
88.2
11.2896
22.5792
96
12.288
24.576
192
12.288
24.576
Table 4. Master Clock (MCLK) Frequencies for Standard Audio Sample Rates
SD A TA
2 3 2 2
7
6
23 22
SC L K
L RCK
23 22
54
32
10
8
76
54
32
10
8
9
9
Le ft C hann el
R ig h t C ha nnel
Figure 19. Left-Justified Serial Audio Interface
SD A T A
2 3 2 2
8
7
23 2 2
SC LK
L RCK
23 22
65
43
21
0
87
65
43
21
0
9
9
Le ft C h annel
R ight C hannel
Figure 20. I2S Serial Audio Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com