Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378-IS Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5378-IS
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-IS Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5378-IS Datasheet HTML 9Page - Cirrus Logic CS5378-IS Datasheet HTML 10Page - Cirrus Logic CS5378-IS Datasheet HTML 11Page - Cirrus Logic CS5378-IS Datasheet HTML 12Page - Cirrus Logic CS5378-IS Datasheet HTML 13Page - Cirrus Logic CS5378-IS Datasheet HTML 14Page - Cirrus Logic CS5378-IS Datasheet HTML 15Page - Cirrus Logic CS5378-IS Datasheet HTML 16Page - Cirrus Logic CS5378-IS Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
CS5378
DS639F1
13
THERMAL CHARACTERISTICS
DIGITAL CHARACTERISTICS
Notes: 2. Maximum leakage for pins with pull-up resistors (RESET, SS:EECS, GPIO, MOSI, SCK) is ±250
µA.
POWER CONSUMPTION
Parameter
Symbol
Min
Typ
Max
Unit
Allowable Junction Temperature
TJ
--
135
°C
Junction to Ambient Thermal Impedance (4-Layer PCB)
ΘJA
-50
°C / W
Ambient Operating Temperature (Power Applied)
TA
-40
-
+85
°C
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Drive Voltage
VIH
0.6 * VDD
-
VDD
V
Low-Level Input Drive Voltage
VIL
0.0
-
0.8
V
High-Level Output Drive Voltage
Iout = -40 µA
VOH
VDD - 0.3
-
VDD
V
Low-Level Output Drive Voltage
Iout = +40 µA
VOL
0.0
-
0.3
V
Rise Times, Digital Inputs
tRISE
--
100
ns
Fall Times, Digital Inputs
tFALL
--
100
ns
Rise Times, Digital Outputs
tRISE
--
100
ns
Fall Times, Digital Outputs
tFALL
--
100
ns
Input Leakage Current
(Note 2)
IIN
-± 1
± 10
µA
3-State Leakage Current
IOZ
--
± 10
µA
Digital Input Capacitance
CIN
-9
-
pF
Digital Output Pin Capacitance
COUT
-9
-
pF
Parameter
Symbol
Min
Typ
Max
Unit
Operational Power Consumption
1.024 MHz Digital Filter Clock
PWR1
-12-
mW
2.048 MHz Digital Filter Clock
PWR2
-14-
mW
4.096 MHz Digital Filter Clock
PWR4
-16-
mW
8.192 MHz Digital Filter Clock
PWR8
-24-
mW
Standby Power Consumption
32 kHz Digital Filter Clock, Filter Stopped
PWRS
-
100
-
µW
2.6 V
0.7 V
t fallin
t risein
4.6 V
0.4 V
t riseout
t fallout
0.90 * VDD
0.10 * VDD
0.90 * VDD
0.10 * VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com