Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5511-AS Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5511-AS
Description  16-bit and 20-bit, 8-pin Sigma-Delta ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5511-AS Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5511-AS Datasheet HTML 16Page - Cirrus Logic CS5511-AS Datasheet HTML 17Page - Cirrus Logic CS5511-AS Datasheet HTML 18Page - Cirrus Logic CS5511-AS Datasheet HTML 19Page - Cirrus Logic CS5511-AS Datasheet HTML 20Page - Cirrus Logic CS5511-AS Datasheet HTML 21Page - Cirrus Logic CS5511-AS Datasheet HTML 22Page - Cirrus Logic CS5511-AS Datasheet HTML 23Page - Cirrus Logic CS5511-AS Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
CS5510/11/12/13
DS337F3
23
5. ORDERING INFORMATION
6.
ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
7.
REVISION HISTORY
Device Number
Oscillator
Resolution
Linearity Error (Max) Temperature Range
Package
CS5510-AS
External
16 Bits
±0.003%
-40
°C to +85°C8-pin SOIC
CS5510-ASZ (Lead Free)
CS5511-AS
Internal
CS5511-ASZ (Lead Free)
CS5512-BS
External
20 Bits
±0.0015%
CS5512-BSZ (Lead Free)
CS5513-BS
Internal
CS5513-BSZ (Lead Free)
Model Number
Peak Reflow Temp
MSL Rating*
Max Floor Life
CS5510-AS
240 °C
2
365 Days
CS5510-ASZ (Lead Free)
260 °C
3
7 Days
CS5511-AS
240 °C
2
365 Days
CS5511-ASZ (Lead Free)
260 °C
3
7 Days
CS5512-BS
240 °C
2
365 Days
CS5512-BSZ (Lead Free)
260 °C
3
7 Days
CS5513-BS
240 °C
2
365 Days
CS5513-BSZ (Lead Free)
260 °C
3
7 Days
Revision
Date
Changes
F2
MAR 2005
Added lead-free device ordering information.
F3
AUG 2005
Updated lead-free device ordering information. Added MSL data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com