Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403-IL Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS6403-IL
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403-IL Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS6403-IL Datasheet HTML 43Page - Cirrus Logic CS6403-IL Datasheet HTML 44Page - Cirrus Logic CS6403-IL Datasheet HTML 45Page - Cirrus Logic CS6403-IL Datasheet HTML 46Page - Cirrus Logic CS6403-IL Datasheet HTML 47Page - Cirrus Logic CS6403-IL Datasheet HTML 48Page - Cirrus Logic CS6403-IL Datasheet HTML 49Page - Cirrus Logic CS6403-IL Datasheet HTML 50Page - Cirrus Logic CS6403-IL Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
Performance Measurements
ERLE
Echo Return-Loss Enhancement (ERLE) is de-
fined as the amount of attenuation in echo that
the echo canceller provides, usually expressed in
decibels. In general, half-duplex should be dis-
abled for ERLE measurement.
For best case performance, a sine wave is an
ideal far-end input signal.
Provide a -6dBFS
sine wave at 1kHz to the far-end input (the SSI
in Mode 2 or the far-end codec in Mode 1). It
should come out the SPKROUT and couple to
MICIN. The signal at MICIN will then be pre-
sent at the far-end output.
Measure this with
coefficients cleared (RMS voltage is suggested).
Measure again after the echo canceller has
adapted (coefficients in normal mode). The dif-
ference between the decibel value of the two is
the ERLE in dB.
To test with real speech, use an easily repeatable
speech sample.
Capture the non-cancelled
speech with a Digital Storage Oscilloscope that
can calculate RMS voltage. Do the same for the
cancelled speech.
There should be a delay of
about five seconds of far-end speech before mak-
ing the measurement to ensure that the echo
canceller has time to adapt.
Convergence Time
Convergence is loosely defined to be the state at
which the echo canceller has adapted sufficiently
to render the echo inaudible. Therefore, conver-
gence time may be defined as the time required
for convergence from cleared coefficients.
Convergence time may be measured using the
Digital Storage Oscilloscope approach men-
tioned above. Once a level of attenuation which
defines convergence has been chosen, a compari-
son of the pre-canceller and post-canceller
voltage levels should indicate when convergence
occurs.
Half-Duplex
The half-duplex mode of the echo canceller is
provided as a fail-safe mechanism to ensure
communication in situations where the echo can-
celler is not providing enough ERLE for good
quality conversation. To freeze the CDB6403 in
half-duplex mode, push the "HD ON" switch and
move the switch to the "CLEAR" position.
Schematic & Layout Review Service
Confirm Optimum
Schematic & Layout
Before Building Your Board.
For Our Free Review Service
Call Applications Engineering.
Call: (512) 445-7222
CDB6403
DS192DB3
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com