Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 45Page - Cirrus Logic CS8427-CSZ Datasheet HTML 46Page - Cirrus Logic CS8427-CSZ Datasheet HTML 47Page - Cirrus Logic CS8427-CSZ Datasheet HTML 48Page - Cirrus Logic CS8427-CSZ Datasheet HTML 49Page - Cirrus Logic CS8427-CSZ Datasheet HTML 50Page - Cirrus Logic CS8427-CSZ Datasheet HTML 51Page - Cirrus Logic CS8427-CSZ Datasheet HTML 52Page - Cirrus Logic CS8427-CSZ Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
CS8427
DS477F3
49
17. APPENDIX A: EXTERNAL
AES3/SPDIF/IEC60958 TRANSMITTER
AND RECEIVER COMPONENTS
This section details the external components re-
quired to interface the AES3 transmitter and re-
ceiver to cables and fiber-optic components.
17.1
AES3 Transmitter External
Components
The output drivers on the CS8427 are designed to
drive both the professional and consumer interfac-
es. The AES3 specification for professional/broad-
cast use calls for a 110
Ω source impedance and a
balanced drive capability. Since the transmitter
output impedance is very low, a 110
Ω resistor
should be placed in series with one of the transmit
pins. The specifications call for a balanced output
drive of 2-7 V peak-to-peak into a 110
Ω load with
no cable attached. Using the circuit in Figure 20,
the output of the transformer is short-circuit pro-
tected, has the proper source impedance, and pro-
vides a 5 V peak-to-peak signal into a 110
Ω load.
Lastly, the two output pins should be attached to
an XLR connector with male pins and a female
shell, and with pin 1 of the connector grounded.
In the case of consumer use, the IEC60958 speci-
fications call for an unbalanced drive circuit with an
output impedance of 75
Ω and a output drive level
of 0.5 V peak-to-peak ±20% when measured
across a 75
Ω load using no cable. The circuit
shown in Figure 21 only uses the TXP pin and pro-
vides the proper output impedance and drive level
using standard 1% resistors. If VL+ is driven from
+3.3 V, use resistor values of 243
Ω and 107 Ω.
The connector for a consumer application would
be an RCA phono socket. This circuit is also short
circuit protected.
The TXP pin may be used to drive TTL or CMOS
gates as shown in Figure 22. This circuit may be
used for optical connectors for digital audio since
they usually have TTL or CMOS compatible inputs.
This circuit is also useful when driving multiple dig-
ital audio outputs since RS422 line drivers have
TTL compatible inputs.
17.2
Isolating Transformer Requirements
Please refer to the application note AN134: AES
and SPDIF Recommended Transformers for re-
sources on transformer selection.
110-(R
TXP+RTXN)
TXP
TXN
XLR
1
CS8427
Figure 20. Professional Output Circuit
Figure 21. Consumer Output Circuit
374-R
TXP
90.9
TXP
TXN
RCA
Phono
CS8427
Figure 22. TTL/CMOS Output Circuit
TXP
TXN
TTL or
CMOS Gate
CS8427



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com