Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR317LS Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FR317LS
Description  3-TERMINAL 0.1A POSITIVE ADJUSTABLE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR317LS Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FR317LS Datasheet HTML 1Page - First Silicon Co., Ltd FR317LS Datasheet HTML 2Page - First Silicon Co., Ltd FR317LS Datasheet HTML 3Page - First Silicon Co., Ltd FR317LS Datasheet HTML 4Page - First Silicon Co., Ltd FR317LS Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3-TERMINAL 0.1A POSITIVE ADJUSTABLE REGULATOR
The FR317S/LS/LFB is adjustable 3-terminal positive voltage
regulator capable of supplying in excess of 100mA over a 1.2V
to 37V output range.
This is exceptionally easy to use and require only two external
resistors to set the output voltage.
Further, it employ internal current limiting, thermal
shutdown and safe area compensation.
FEATURES
Adjustable output between 1.2V and 37V
Guaranteed 100mA output current
Line regulation typically 0.01%/V
Load regulation typically 0.1%
80dB ripple rejection (with Cadj)
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
BLOCK DIAGRAM
+
-
Protection
Circuitry
Voltage
Reference
I2
I3
1
I
IN
V
Adj
VO
2011. 02. 07
1/5
SEMICONDUCTOR
TECHNICAL DATA
FR317S/LS/LFB
Revision No : 2
SOT-89
G
D
A
C
K
H
F
1
2
3
F
D
1.
2. OUTPUT
3.
FR317LFB
DIM
MILLIMETERS
A
B
D
E
SOT-26
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
K
K
B
E
H
J
J
2
3
5
1
6
4
+
_
+
_
+
_
+
_
+
_
FR317LS
ADJUSTABLE
INPUT
1.
2. OUTPUT
3.
ADJUSTABLE
INPUT
4.
5. OUTPUT
6.
NC
NC
+
_
6.5 0.2
+
_
+
_
+
_
A
L
K
G
J
H
D
F
E
B
C
0.26+0.09/-0.02
10 MAX
0.1 MAX
1.75 0.25
3.0+0.15/-0.1
2.3 TYP
7 0.3
0.7+0.15/-0.1
1.8 MAX
3.5 0.2
DIM
MILLIMETERS
H
E
B
J
F
F
G
K
L
C
D
A
1
2
3
SOT-223
1. ADJUSTABLE
2. OUTPUT
3. INPUT
FR317S
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
F
MILLIMETERS
+
_
+
_


Similar Part No. - FR317LS

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FR317LSC FS-FR317LSC Datasheet
484Kb / 3P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - FR317LS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
3-terminal 0.1A positive voltage regulator
KA317L FAIRCHILD-KA317L Datasheet
36Kb / 5P
3-Terminal 0.1A Positive Adjustable Regulator
LM317L FAIRCHILD-LM317L Datasheet
46Kb / 8P
3-Terminal 0.1A Positive Adjustable Regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
3-Terminal 0.1A Positive Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA317L FAIRCHILD-KA317L Datasheet
157Kb / 5P
3-Terminal 0.1A Positive Adjustable Regulator
KA317L FAIRCHILD-KA317L_12 Datasheet
157Kb / 5P
3-Terminal 0.1A Positive Adjustable Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com