Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTA720 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTA720
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA720 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTA720 Datasheet HTML 1Page - First Silicon Co., Ltd FTA720 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012. 07. 27
2/2
Revision No : 0
FTA719 / 720
0
6
1
0
40
120
80
140
20
100
60
0
800
600
200
500
700
400
100
300
Ambient temperature Ta (˚C)
2
1
0
10
8
2
6
4
0
12
10
8
6
4
2
Ta=25 C
– 0.9mA
– 0.8mA
– 0.7mA
– 0.6mA
– 0.5mA
– 0.4mA
– 0.3mA
– 0.2mA
– 0.1mA
IB=–1.0mA
Collector to emitter voltage VCE (V)
0
1
–
0
–8
–2
–6
–4
0
–800
–600
–200
–500
–700
–400
–100
–300
VCE=–10V
Ta=25 C
Base current IB (mA)
–1
–10
–100
–1000
–3
–30
–300
– 0.001
– 0.003
– 0.01
– 0.03
– 0.1
– 0 3
–1
–3
–10
IC/IB=10
Ta=75 C
25 C
–25 C
Collector current IC (mA)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
IC/IB=10
Ta=–25 C
25 C
75 C
Collector current IC (mA)
– 0.01
– 0.1
–1
–10
– 0.03
– 0 3
–3
0
600
500
400
300
200
100
VCE=–10V
Ta=75 C
25 C
–25 C
Collector current IC (A)
1
3
10
30
100
0
240
200
160
120
80
40
VCB=–10V
Ta=25 C
Emitter current IE (mA)
–1
–3
–10
–30
–100
0
50
40
30
20
10
45
35
25
15
5
IE=0
f=1MHz
Ta=25 C
Collector to base voltage VCB (V)
1
10
100
1000
3
30
300
0
–120
–100
–80
–60
–40
–20
IC=–2mA
Ta=25 C
FTA720
FTA719
Base to emitter resistance RBE (kΩ)
PC
I
a
T
—
C — VCE
IC — IB
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
VCER — RBE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com