Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTA916 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA916
Description  Driver stage amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA916 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA916 Datasheet HTML 1Page - First Silicon Co., Ltd FTA916 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Driver stage amplifier
Complement to FTC2316
MAXIMUM RATINGS (TA=25
unless otherwise noted)
s
t
i
n
U
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
VCBO
V
0
2
1
-
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCEO
V
0
2
1
-
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VEBO
V
5
-
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
A
m
0
0
8
-
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
PC
Collector Power Dissipation
900
mW
TJ
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
0
5
1
-
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC =-1mA, IE
V
0
2
1
-
0
=
Collector-emitter breakdown voltage
V(BR)CEO
IC =-10mA, IB
V
0
2
1
-
0
=
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA, IC
V
5
-
0
=
Collector cut-off current
ICBO
VCB=-120V, IE
A
µ
1
.
0
-
0
=
hFE(1)
VCE=-5V, IC=-10mA
60
DC current gain
hFE(2)
VCE=-5V, IC=-100mA
80
240
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-1
V
Transition frequency
fT
VCE=-5V, IC=-100mA
120
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
40
pF
CLASSIFICATION OF
hFE(2)
Rank
Y
O
Range
0
4
2
-
0
2
1
0
6
1
-
0
8
SEMICONDUCTOR
TECHNICAL DATA
FTA916
2010. 6. 08
1/2
Revision No : 0
1. EMITTER
2. COLLECTOR
3. BASE
TO-92L
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
8.2 MAX
5.1 MAX
1.58 MAX
0.7 TYP
1.27 TYP
2.54 TYP
14.20 MAX
D
G
F
E
E
0.55 MAX
B
0.45 MAX
4.10 MAX
L
C
1
2
3


Similar Part No. - FTA916

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA928A FS-FTA928A Datasheet
523Kb / 2P
Audio power amplifier
FTA933AM FS-FTA933AM Datasheet
73Kb / 1P
TRANSISTOR (PNP)
More results

Similar Description - FTA916

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA817A TOSHIBA-2SA817A_07 Datasheet
122Kb / 4P
Driver-Stage Amplifier Applications Voltage Amplifier Applications
2SC2983 TOSHIBA-2SC2983_05 Datasheet
155Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SC4793FM TOSHIBA-2SC4793FM Datasheet
131Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1225-Y TOSHIBA-2SA1225-Y Datasheet
150Kb / 4P
Driver Stage Amplifier Applications
logo
Unisonic Technologies
2SA1837 UTC-2SA1837_15 Datasheet
184Kb / 4P
POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER
2SA1943 UTC-2SA1943_15 Datasheet
217Kb / 4P
POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER
2SC5200 UTC-2SC5200_15 Datasheet
177Kb / 4P
POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER
logo
SHANTOU HUASHAN ELECTRO...
HA1837 HUASHAN-HA1837 Datasheet
332Kb / 2P
Driver Stage Amplifier Applications
HC4793 HUASHAN-HC4793 Datasheet
140Kb / 2P
Driver Stage Amplifier Applications.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com