Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTA933AM Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA933AM
Description  TRANSISTOR (PNP)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA933AM Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA933AM Datasheet HTML 1Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2011.11. 11
1/1
SEMICONDUCTOR
TECHNICAL D ATA
FTA933AM
Revision No : 0
FTA933AM
TRANSISTOR (PNP)
FEATURES
·Excellent hFE Linearity
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current
-150
mA
PC
Collector Power dissipation
300
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-50
μA,IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-50
μA,IC=0
-6
V
Collector cut-off current
ICBO
VCB=-60V, IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB= -6V, IC=0
-0.1
μA
DC current gain
hFE
VCE=-6 V, IC= -1mA
120
560
Collector-emitter saturation voltage
VCEsat
IC= -50mA, IB=-5mA
-0.5
V
Transition frequency
fT
VCE=-12V, IC=-2mA
f=30MHz
140
MHz
Collector output capacitance
Cob
VCB=-12V, IC=0, f=1MHz
4
5
pF
CLASSIFICATION OF hFE
Rank
S
R
Q
Range
0
6
5
-
0
7
2
0
9
3
-
0
8
1
0
7
2
-
0
2
1
TO-92S
1. EMITTER
2. COLLECTOR
3. BASE


Similar Part No. - FTA933AM

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA916 FS-FTA916 Datasheet
97Kb / 2P
Driver stage amplifier
FTA928A FS-FTA928A Datasheet
523Kb / 2P
Audio power amplifier
More results

Similar Description - FTA933AM

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com