Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTA1012D Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA1012D
Description  TRANSISTOR (PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1012D Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA1012D Datasheet HTML 1Page - First Silicon Co., Ltd FTA1012D Datasheet HTML 2Page - First Silicon Co., Ltd FTA1012D Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2012. 08. 09
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTA1012D
Revision No : 0
FTA1012 TRANSISTOR (PNP)
FEATURES
High Current SwitchingApplications.
Low Collector Saturation Voltage
: V CE(SAT)= - 0.4V(max) at I C = - 3A
High Speed Swithing Time : tstg = 1.0us (Typ.)
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-5
A
PC
Collector Power Dissipation
2
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55-150
℃
ELECTRICAL CHARACTERISTICS(Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC =-1mA, IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC =-1mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100
μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V, IE=0
-1
μA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-1
μA
DC current gain
hFE(1)
VCE=-1V, IC=-1A
70
240
hFE(2) *
VCE=-1V, IC=-3A
30
Collector-emitter saturation voltage
VCE(sat) *
IC=-3A, IB=150mA
-0.2
-0.4
V
Base-emitter saturation voltage
VBE(SAT)
IC=-3A, IB=150mA
-0.9
-1.2
V
Transition frequency
fT
VCE=-4V, IC=-1A
60
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
170
pF
Turn-on Time
ton
0.1
Storage Time
tstg
1.0
Switching
time
Fall Time
tf
VCC=-30V,IC=-3A,
IB1=-IB2=-0.15A
0.1
us
*Pulse test: tp
≤300μS, ≤0.02.
CLASSIFICATION OF
hFE
Y
O
k
n
a
R
Range
0
4
2
-
0
2
1
0
4
1
-
0
7
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
L
6 50 ± 0 2
5 60 ± 0 2
5 20 ± 0 2
1 50 ± 0 2
2 70 ± 0 2
2 30 ± 0 1
1 00 MAX
2 30 ± 0 2
0 5 ± 0 1
0 50 ± 0 10
E
1 6 ± 0 2
O
A
C
I
J
H
F
F
L
1
2
3
1 BASE
2 COLLECTOR
3 EMITTER
0 95 MAX
Q


Similar Part No. - FTA1012D

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA1015 FS-FTA1015 Datasheet
267Kb / 2P
PNP Transistor
More results

Similar Description - FTA1012D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com