Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB42428 Datasheet(PDF) 67 Page - Cirrus Logic

Part # CDB42428
Description  114 dB, 192kHz 8-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42428 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button CDB42428 Datasheet HTML 59Page - Cirrus Logic CDB42428 Datasheet HTML 60Page - Cirrus Logic CDB42428 Datasheet HTML 61Page - Cirrus Logic CDB42428 Datasheet HTML 62Page - Cirrus Logic CDB42428 Datasheet HTML 63Page - Cirrus Logic CDB42428 Datasheet HTML 64Page - Cirrus Logic CDB42428 Datasheet HTML 65Page - Cirrus Logic CDB42428 Datasheet HTML 66Page - Cirrus Logic CDB42428 Datasheet HTML 67Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 67 / 67 page
background image
67
CS42428
9 PACKAGE DIMENSIONS
THERMAL CHARACTERISTICS
INCHES
MILLIMETERS
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
---
0.55
0.063
---
1.40
1.60
A1
0.002
0.004
0.006
0.05
0.10
0.15
B
0.007
0.008
0.011
0.17
0.20
0.27
D
0.461
0.472 BSC
0.484
11.70
12.0 BSC
12.30
D1
0.390
0.393 BSC
0.398
9.90
10.0 BSC
10.10
E
0.461
0.472 BSC
0.484
11.70
12.0 BSC
12.30
E1
0.390
0.393 BSC
0.398
9.90
10.0 BSC
10.10
e*
0.016
0.020 BSC
0.024
0.40
0.50 BSC
0.60
L
0.018
0.024
0.030
0.45
0.60
0.75
∝
0.000°
4°
7.000°
0.00°
4°
7.00°
* Nominal pin pitch is 0.50 mm
Controlling dimension is mm.
JEDEC Designation: MS022
Parameter
Symbol
Min
Typ
Max
Units
Allowable Junction Temperature
-
-
+135
°C
Junction to Ambient Thermal Impedance
θJA
-48
-
°C/Watt
64L LQFP PACKAGE DRAWING
E1
E
D1
D
1
e
L
∝
B
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com