Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42438-DMZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS42438-DMZ
Description  108 dB, 192 kHz 6-in, 8-out TDM CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42438-DMZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS42438-DMZ Datasheet HTML 1Page - Cirrus Logic CS42438-DMZ Datasheet HTML 2Page - Cirrus Logic CS42438-DMZ Datasheet HTML 3Page - Cirrus Logic CS42438-DMZ Datasheet HTML 4Page - Cirrus Logic CS42438-DMZ Datasheet HTML 5Page - Cirrus Logic CS42438-DMZ Datasheet HTML 6Page - Cirrus Logic CS42438-DMZ Datasheet HTML 7Page - Cirrus Logic CS42438-DMZ Datasheet HTML 8Page - Cirrus Logic CS42438-DMZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
FEATURES
Six 24-bit A/D, Eight 24-bit D/A Converters
ADC Dynamic Range
– 105 dB Differential
– 102 dB Single-ended
DAC Dynamic Range
– 108 dB Differential
– 105 dB Single-ended
ADC/DAC THD+N
– -98 dB Differential
– -95 dB Single-ended
Compatible with Industry-standard Time
Division Multiplexed (TDM) Serial Interface
DAC Sampling Rates up to 192 kHz
ADC Sampling Rates up to 96 kHz
Programmable ADC High-pass Filter for DC
Offset Calibration
Logarithmic Digital Volume Control
Hardware Mode or Software I²C & SPI
™
Supports Logic Levels Between 5 V and
1.8 V
GENERAL DESCRIPTION
The CS42438 CODEC provides six multi-bit analog-to-digi-
tal
and
eight
multi-bit
digital-to-analog
Delta-sigma
converters. The CODEC is capable of operation with either
differential or single-ended inputs and outputs, in a 52-pin
M
QFP package.
Six fully differential, or single-ended, inputs are available on
stereo ADC1, ADC2, and ADC3. When operating in Single-
ended Mode, an internal MUX before ADC3 allows selec-
tion from up to four single-ended inputs. Digital volume
control is provided for each ADC channel, with selectable
overflow detection.
All eight DAC channels provide digital volume control and
can operate with differential or single-ended outputs.
An auxiliary serial input is available for an additional two
channels of PCM data.
The CS42438 is ideal for audio systems requiring wide dy-
namic range, negligible distortion and low noise, such as
A/V receivers, DVD receivers, and automotive audio
systems.
ORDERING INFORMATION
See page 62
.
Control Port & Serial
Audio Port Supply =
1.8 V to 5 V
Register
Configuration
Internal Voltage
Reference
Reset
TDM Serial Audio
Input
Digital Supply =
3.3 V
Hardware Mode or
I2C/SPI Software Mode
Control Data
Analog Supply =
3.3 V to 5 V
Differential or
Single-Ended
Outputs
8
Input Master
Clock
8
TDM Serial Audio
Output
Multibit
Oversampling
ADC1&2
High Pass
Filter
Differential or
Single-Ended
Analog Inputs
4
Digital
Filters
4
*Optional MUX allows selection from up to 4 single-ended inputs.
Multibit
Oversampling
ADC3
High Pass
Filter
2
Digital
Filters
2
Auxilliary Serial
Audio Input
Volume
Controls
Digital
Filters
Multibit
DAC1-4 and
Analog Filters
∆Σ
Modulators
CS42438
FEB ‘05
DS646PP2
108 dB, 192 kHz 6-in, 8-out TDM CODEC


Similar Part No. - CS42438-DMZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42438-DMZ CIRRUS-CS42438-DMZ Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42438-DMZ CIRRUS-CS42438-DMZ Datasheet
1Mb / 61P
108 dB, 192 kHz 6-In, 8-Out TDM CODEC
CS42438-DMZR CIRRUS-CS42438-DMZR Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42438-DMZR CIRRUS-CS42438-DMZR Datasheet
1Mb / 61P
108 dB, 192 kHz 6-In, 8-Out TDM CODEC
More results

Similar Description - CS42438-DMZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42432 CIRRUS-CS42432 Datasheet
1,004Kb / 62P
108 dB, 192 kHz 4-in, 6-out TDM CODEC
CS42436 CIRRUS-CS42436 Datasheet
1Mb / 66P
108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42435 CIRRUS-CS42435 Datasheet
1Mb / 58P
108 dB, 192 kHz 4-In, 8-Out TDM CODEC
CS42432 CIRRUS-CS42432_06 Datasheet
1Mb / 59P
108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42436 CIRRUS-CS42436_06 Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42438 CIRRUS-CS42438_06 Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42432 CIRRUS-CS42432_07 Datasheet
1Mb / 58P
108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42435 CIRRUS-CS42435_07 Datasheet
1Mb / 57P
108 dB, 192 kHz 4-In, 8-Out TDM CODEC
CS42436 CIRRUS-CS42436_07 Datasheet
1Mb / 61P
108 dB, 192 kHz 6-In, 6-Out TDM CODEC
CS42438 CIRRUS-CS42438_07 Datasheet
1Mb / 61P
108 dB, 192 kHz 6-In, 8-Out TDM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com