Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

746114WS Datasheet(PDF) 1 Page - Adels-Contact

Part # 746114WS
Description  AC 179 SKE/ 4 SL M20 LWD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

746114WS Datasheet(HTML) 1 Page - Adels-Contact

  746114WS Datasheet HTML 1Page - Adels-Contact 746114WS Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03/01/2020
Circular Plug Terminal Blocks IP68
Circular Plug Connectors AC 179 kompakt
AC 179 SKE/ 4 SL M20 LWD
Panel Mount Terminal Block längswasserdicht, 4 pole, Voltage
Rating: 450 V, Current Rating: 17.5 A, Cross-Section: 4.0 mm², Housing
Hole Diameter: M20
Order Info
Reference Number (ref. no.)
746114WS
Applications
Lighting, Installation
PU
200
Type
Type
Panel Mount Terminal Block längswasserdicht
Number of poles
4 pole
Clamping Units per Pole
1
Colour
black
Cross-Section
4.0 mm²
Connection Type
Screw
Technical Data
Voltage Rating
450 V
Current Rating
17.5 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.75 mm²
Core Cross-Section max.
4.0 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
IP Code
IP68
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
6.0 mm
Dismantling Length
20.0 mm
Assembly Contact Screw
0.5x3.0 / 0.5 Nm
Assembly Strain Relief
2.5 Nm
Cable Diameter min.
7.0 mm
Cable Diameter max.
12.0 mm


Similar Part No. - 746114WS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7461147 ETC2-7461147 Datasheet
256Kb / 1P
Bushes and Shanks with full plain Pin-Plate
logo
Wurth Elektronik GmbH &...
7461148 WURTH-7461148 Datasheet
210Kb / 1P
Bushes with Pin-Plate Circumference
logo
Adels-Contact
746114S2 ADELS-746114S2 Datasheet
124Kb / 2P
AC 179 SKE/ 4-2 SL M20
746114S3 ADELS-746114S3 Datasheet
124Kb / 2P
AC 179 SKE/ 4-3 SL M20
746114S4 ADELS-746114S4 Datasheet
124Kb / 2P
AC 179 SKE/ 4 SL M20
More results

Similar Description - 746114WS

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
728714WS ADELS-728714WS Datasheet
114Kb / 1P
AC 169 REST/ 4 M20 LWD
30/12/2019
74064WS ADELS-74064WS Datasheet
156Kb / 2P
AC 179 SKE/ 4 SL M25 LWD
03/01/2020
743964W1 ADELS-743964W1 Datasheet
202Kb / 2P
AC 179 SVH 3/ 4 SL LWD
743964WS ADELS-743964WS Datasheet
193Kb / 2P
AC 179 SVH/ 4 SL LWD
746064S2 ADELS-746064S2 Datasheet
125Kb / 2P
AC 179 SKE/ 4-2 SL M25
746064S3 ADELS-746064S3 Datasheet
125Kb / 2P
AC 179 SKE/ 4-3 SL M25
746064S4 ADELS-746064S4 Datasheet
125Kb / 2P
AC 179 SKE/ 4 SL M25
746114S2 ADELS-746114S2 Datasheet
124Kb / 2P
AC 179 SKE/ 4-2 SL M20
746114S3 ADELS-746114S3 Datasheet
124Kb / 2P
AC 179 SKE/ 4-3 SL M20
746114S4 ADELS-746114S4 Datasheet
124Kb / 2P
AC 179 SKE/ 4 SL M20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com