Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMV1885L Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # SMV1885L
Description  LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

SMV1885L Datasheet(HTML) 1 Page - Z-Communications, Inc

  SMV1885L Datasheet HTML 1Page - Z-Communications, Inc SMV1885L Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
Page 1 of 2
FRM-S-002 B
PHASE NOISE (1 Hz BW, typical)
OFFSET (Hz)
Performance Specifications
Typ
Units
Min
Max
95
-87
-10
15
10
50
50
Oscillation Frequency Range
Phase Noise @ 10 kHz offset (1 Hz BW)
Harmonic Suppression (2nd)
Tuning Voltage
Tuning Sensitivity (avg.)
Power Output
Load Impedance
Input Capacitance
Pushing
Pulling (
dB Return Loss, Any Phase)
Operating Temperature Range
MHz
dBc/Hz
dBc
Vdc
MHz/V
dBm
pF
MHz/V
MHz
°C
1870
1890
20.
0.5
2.5
Package Style
37
85
-40
5
-8
Power Supply Requirements
Typ
Units
Min
Max
3
14
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc)
18
PCS Handhelds
Portable Receivers
Mobile Comunications
Applications
Voltage-Controlled Oscillator
Surface Mount Module
SMV1885L
B2
Rev
Additional Notes
Application Notes
• AN-101: Mounting and Grounding
• AN-102: Output Loading
• AN-107: Manual Soldering
14118 Stowe Drive, Suite B
Poway, CA 92064
TEL: (858) 621-2700 | FAX: (858) 486-1927
URL: www.zcomm.com
EMAIL: applications@zcomm.com
SUB-L


Similar Part No. - SMV1885L

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
SMV1885L ZCOMM-SMV1885L Datasheet
73Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
SMV1885L ZCOMM-SMV1885L Datasheet
69Kb / 2P
Voltage-Controlled Oscillator
SMV1885L ZCOMM-SMV1885L_10 Datasheet
73Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
More results

Similar Description - SMV1885L

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0700E ZCOMM-CLV0700E Datasheet
94Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV0798A ZCOMM-CLV0798A Datasheet
67Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1000E ZCOMM-CLV1000E Datasheet
68Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1015E ZCOMM-CLV1015E Datasheet
69Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1085E ZCOMM-CLV1085E Datasheet
163Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1150L ZCOMM-CLV1150L Datasheet
97Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1320E ZCOMM-CLV1320E Datasheet
67Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1550E ZCOMM-CLV1550E Datasheet
162Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CRO2065B ZCOMM-CRO2065B Datasheet
48Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
SMV0128A ZCOMM-SMV0128A Datasheet
140Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com