Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848C Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848C
Description  PHYTER - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button DP83848C Datasheet HTML 74Page - National Semiconductor (TI) DP83848C Datasheet HTML 75Page - National Semiconductor (TI) DP83848C Datasheet HTML 76Page - National Semiconductor (TI) DP83848C Datasheet HTML 77Page - National Semiconductor (TI) DP83848C Datasheet HTML 78Page - National Semiconductor (TI) DP83848C Datasheet HTML 79Page - National Semiconductor (TI) DP83848C Datasheet HTML 80Page - National Semiconductor (TI) DP83848C Datasheet HTML 81Page - National Semiconductor (TI) DP83848C Datasheet HTML 82Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
79
www.national.com
8.2.27 RMII Receive Timing
Note: Per the RMII Specification, output delays assume a 25pF load.
Note: CRS_DV is asserted asynchronously in order to minimize latency of control signals through the why. CRS_DV may
toggle synchronously at the end of the packet to indicate CRS deassertion.
Note: RX_DV is synchronous to X1. While not part of the RMII specification, this signal is provided to simplify recovery of
receive data.
Parameter
Description
Notes
Min
Typ
Max
Units
T2.27.1
X1 Clock Period
50 MHz Reference Clock
20
ns
T2.27.2
RXD[1:0], CRS_DV, RX_DV,
and RX_ER output delay from
X1 rising
2
14
ns
T2.27.3
CRS ON delay
From JK symbol on PMD Receive Pair to
initial assertion of CRS_DV
18.5
bits
T2.27.4
CRS OFF delay
From TR symbol on PMD Receive Pair to
initial deassertion of CRS_DV
27
bits
T2.27.5
RXD[1:0] and RX_ER latency
From symbol on Receive Pair. Elasticity
buffer set to default value (01)
38
bits
CRS_DV
X1
RXD[1:0]
RX_ER
T2.27.2
T2.27.1
T2.27.2
PMD Input Pair
IDLE
Data
(J/K)
T2.27.3
T2.27.5
Data
(TR)
T2.27.4
RX_DV
T2.27.2
T2.27.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com