Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804549
Description  FRONT 4-H-7,62
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT 0804549 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 23, 2010
Extract from the online
catalog
 
FRONT 4-H-7,62
Order No.: 1703034
The illustration shows a combination as a 5-position version, with horizontal
and vertical connection direction
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1703034
 
 
PC terminal block, Nominal current: 32 A, Nom. voltage: 500 V,
Pitch: 7.62 mm, Number of positions: 1, Type of connection: Screw
connection, Assembly: Soldering, Conductor/PCB connection
direction: 0 °, Color: green, The article can be aligned to create
different nos. of positions!
 
Commercial data
EAN
4017918023058
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.009136 KG
Catalog page information
Page 333 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
07/20/2005
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Height
33.4 mm
Pitch
7.62 mm
Number of positions
1
Pin dimensions
1 x 0,8 mm


Similar Part No. - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804549 PHOENIX-0804549 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
0804549 PHOENIX-0804549 Datasheet
129Kb / 5P
MKDS 5/ 3-7,62
0804549 PHOENIX-0804549 Datasheet
127Kb / 5P
MKDS 5/ 2-7,62
0804549 PHOENIX-0804549 Datasheet
317Kb / 13P
DFK-PC 5/ 2-ST-7,62
0804549 PHOENIX-0804549 Datasheet
143Kb / 5P
PCV 4/ 2-G-7,62
More results

Similar Description - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1702051 PHOENIX-1702051 Datasheet
61Kb / 4P
PCB terminal block - FRONT 4-H-7,62 BK
1703021 PHOENIX-1703021 Datasheet
83Kb / 5P
PCB terminal block - FRONT 4-V-7,62
1703050 PHOENIX-1703050 Datasheet
97Kb / 6P
PCB terminal block - FRONT 4-H-6,35
1703212 PHOENIX-1703212 Datasheet
97Kb / 5P
PCB terminal block - FRONT 4-H-7,62-4
1706780 PHOENIX-1706780 Datasheet
71Kb / 3P
FRONT 4-V-7,62-10 6PA BD:1-10
1889482 PHOENIX-1889482 Datasheet
60Kb / 4P
PCB terminal block - FRONT 4-H-7,62 GY
1986097 PHOENIX-1986097 Datasheet
70Kb / 6P
PCB terminal block - FRONT 4-H-7,62-3
1806009 PHOENIX-1806009 Datasheet
77Kb / 6P
Plug - FRONT-GMSTB 2,5/ 4-STF-7,62
1806135 PHOENIX-1806135 Datasheet
77Kb / 6P
Printed-circuit board connector - FRONT-GMSTB 2,5/ 4-ST-7,62
1704693 PHOENIX-1704693 Datasheet
108Kb / 7P
PCB terminal block - FRONT 4-H-6,35-5
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com