Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM32 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM32
Description  Dual Thermal Diode Temperature Sensor with SensorPath Bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM32 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM32 Datasheet HTML 11Page - National Semiconductor (TI) LM32 Datasheet HTML 12Page - National Semiconductor (TI) LM32 Datasheet HTML 13Page - National Semiconductor (TI) LM32 Datasheet HTML 14Page - National Semiconductor (TI) LM32 Datasheet HTML 15Page - National Semiconductor (TI) LM32 Datasheet HTML 16Page - National Semiconductor (TI) LM32 Datasheet HTML 17Page - National Semiconductor (TI) LM32 Datasheet HTML 18Page - National Semiconductor (TI) LM32 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
2.0 Register Set (Continued)
Reg Add
Register Name
R/
W
P
O
R
Val
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LSb
000 000
Device Number
R
7h or 1h
Reserved
AS2
AS1
AS0
00000
The value of [AS2:AS0] is determined by the setting of the ADD input pin:
TABLE 1. Device Number Assignment
ADD
[AS2:AS0]
0
001
1111
The value of [AS2:AS0] will directly change and follow the value determined by ADD. Since this is a read only register the value
of the address cannot be changed by software.
2.4 MANUFACTURER ID (Addr: 000 001; 01h)
Reg
Add
Register
Name
R/
W
P
O
R
Val
Bit
15
MSb
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
LSb
000 001
Manufacturer
ID
R 100Bh
0001000000001011
The manufacturer ID matches that assigned to National Semiconductor by the PCI SIG. This register may be used to identify the
manufacturer of the device in order to perform manufacturer specific operations.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com