Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804549
Description  MKDS 5/ 3-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 18, 2011
Extract from the online
catalog
 
MKDS 5/ 3-7,62
Order No.: 1704936
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1704936
 
 
PC terminal block, Nominal current: 32 A, Nom. voltage: 500 V,
Pitch: 7.62 mm, Number of positions: 3, Type of connection: Screw
connection, Mounting: Soldering, Conductor/PCB connection direction:
0 °, Color: green, The article can be aligned to create different nos. of
positions!
 
Commercial data
GTIN (EAN)
4
017918
122577
sales group
E510
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 315 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
12.5 mm
Height
21.5 mm


Similar Part No. - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804549 PHOENIX-0804549 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
0804549 PHOENIX-0804549 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0804549 PHOENIX-0804549 Datasheet
127Kb / 5P
MKDS 5/ 2-7,62
0804549 PHOENIX-0804549 Datasheet
317Kb / 13P
DFK-PC 5/ 2-ST-7,62
0804549 PHOENIX-0804549 Datasheet
143Kb / 5P
PCV 4/ 2-G-7,62
More results

Similar Description - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1710589 PHOENIX-1710589 Datasheet
113Kb / 6P
PCB terminal block - MKDS 5/ 4-7,62
1711631 PHOENIX-1711631 Datasheet
88Kb / 5P
PCB terminal block - MKDS 3/ 5
1714968 PHOENIX-1714968 Datasheet
156Kb / 6P
MKDS 5/ 3-6,35
1714984 PHOENIX-1714984 Datasheet
140Kb / 5P
MKDS 5/ 3-9,5
1868076 PHOENIX-1868076 Datasheet
127Kb / 5P
MKDS 5/ 2-7,62
1890947 PHOENIX-1890947 Datasheet
63Kb / 4P
PCB terminal block - MKDS 5/ 9-7,62 BEIGE SO1 BD:NZ
1904257 PHOENIX-1904257 Datasheet
78Kb / 2P
MKDS 5/ 3-9,5 BU
1933707 PHOENIX-1933707 Datasheet
63Kb / 4P
PCB terminal block - MKDS 5/ 7-7,62 BD:NZ
1777736 PHOENIX-1777736 Datasheet
225Kb / 6P
PC 5/ 3-ST1-7,62
1778078 PHOENIX-1778078 Datasheet
145Kb / 5P
PC 5/ 3-STCL1-7,62
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com