Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1821
Description  16-Bit, Ultra Precise, Fast Settling VOUT DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 1 Page - Linear Technology

  LTC1821 Datasheet HTML 1Page - Linear Technology LTC1821 Datasheet HTML 2Page - Linear Technology LTC1821 Datasheet HTML 3Page - Linear Technology LTC1821 Datasheet HTML 4Page - Linear Technology LTC1821 Datasheet HTML 5Page - Linear Technology LTC1821 Datasheet HTML 6Page - Linear Technology LTC1821 Datasheet HTML 7Page - Linear Technology LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1821
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
16-Bit, Ultra Precise,
Fast Settling VOUT DAC
The LTC
®1821 is a parallel input 16-bit multiplying voltage
output DAC that operates from analog supply voltages of
±5V up to ±15V. INL and DNL are accurate to 1LSB over the
industrial temperature range in both unipolar 0V to 10V and
bipolar
±10Vmodes.Precise16-bitbipolar±10Voutputsare
achieved with on-chip 4-quadrant multiplication resistors.
The LTC1821 is available in a 36-lead SSOP package and is
specified over the industrial temperature range.
The device includes an internal deglitcher circuit that reduces
the glitch impulse to less than 2nV•s (typ). The LTC1821
settles to 1LBS in 2
µs with a full-scale 10V step. The
combination of fast, precise settling and ultra low glitch make
the LTC1821 ideal for precision industrial control applica-
tions.
The asynchronous CLR pin resets the LTC1821 to zero scale
and resets the LTC1821-1 to midscale.
s
Process Control and Industrial Automation
s
Precision Instrumentation
s
Direct Digital Waveform Generation
s
Software-Controlled Gain Adjustment
s
Automatic Test Equipment
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTC1821/LTC1821-1
Integral Nonlinearity
16-Bit, 4-Quadrant Multiplying DAC with a
Minimum of External Components
DIGITAL INPUT CODE
0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
16384
32768
1821 TA02
49152
65535
VREF = 10V
VOUT = ±10V BIPOLAR
VCC
LTC1821-1
RFB
IOUT
RFB
ROFS
ROFS
5V
LD
LD
10
9
3
2
24 23
7
2
6
15pF
17
16
20
13
15
V–
V+
R1
RCOM
8
REF
11
12
14
0.1
µF
1
22
VOUT
15pF
VOUT =
1821 TA01
DGND
NC
AGNDS
AGNDF
LT
®1468
WR
3 TO 6,
25 TO 36
WR
CLR
CLR
16-BIT DAC
R1
R2
16
DATA
INPUTS
0.1
µF
15V
–15V
0.1
µF
21
DNC*
19
DNC*
18
*DO NOT CONNECT
DNC*
VREF
–VREF
VREF
–VREF
s
2
µs Settling to 0.0015% for 10V Step
s
1LSB Max DNL and INL Over Industrial
Temperature Range
s
On-Chip 4-Quadrant Resistors Allow Precise 0V to
10V, 0V to –10V or
±10V Outputs
s
Low Glitch Impulse: 2nV•s
s
Low Noise: 13nV/
√Hz
s
36-Lead SSOP Package
s
Power-On Reset
s
Asynchronous Clear Pin
LTC1821: Reset to Zero Scale
LTC1821-1: Reset to Midscale


Similar Part No. - LTC1821

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1821 LINER-LTC1821 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1821 LINER-LTC1821 Datasheet
264Kb / 20P
18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC1821 LINER-LTC1821 Datasheet
231Kb / 16P
16-Bit, Ultra Precise, Fast Settling VOUT DAC
LTC1821 LINER-LTC1821_15 Datasheet
231Kb / 16P
16-Bit, Ultra Precise, Fast Settling VOUT DAC
More results

Similar Description - LTC1821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
Dual 16-bit DAC
November 1985
logo
Analog Devices
AD5399 AD-AD5399 Datasheet
336Kb / 12P
Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
6/04-Data sheet changed from Rev. C to Rev. D
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
16-BIT DAC
logo
Analog Devices
AD5399YRMZ AD-AD5399YRMZ Datasheet
342Kb / 12P
Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
FS-125 AD-FS-125_15 Datasheet
2Mb / 8P
FAST SETTLING
logo
Linear Technology
DC812A LINER-DC812A_15 Datasheet
109Kb / 1P
SCH LTC2606CDD 16 BIT RAIL TO RAIL VOUT DAC I2C INTERFACE
LTC1821 LINER-LTC1821_15 Datasheet
231Kb / 16P
16-Bit, Ultra Precise, Fast Settling VOUT DAC
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
16-/14-/12-Bit VOUT DACs
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
16-/14-/12-Bit VOUT DACs
logo
Texas Instruments
DAC11001B TI-DAC11001B Datasheet
3Mb / 55P
DAC11001B 20-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage-Output, Digital-to-Analog Converter (DAC)
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com