Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX98725 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MX98725
Description  SINGLE CHIP FAST ETHERNET NIC CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX98725 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MX98725 Datasheet HTML 3Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 4Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 6Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 7Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 8Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 9Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 10Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
P/N:PM0488
REV. 1.7, SEP. 15, 1998
MX98725
5.1.3 PCI REVISION REGISTER ( PFRV ) ( Offset 0Bh-08h )
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Base Class
Step Number
Subclass
Revision Number
bit 3 - 0 : Step Number, range from 0 to Fh.
bit 7 - 4 : Revision Number, fixed to 3h for MX98725
bit 15 - 8 : not used
bit 23 - 16 : Subclass, fixed to 0h.
bit 31 - 24 : Base Class, fixed to 2h.
5.1.4 PCI BASE IO ADDRESS REGISTER ( PBIO ) ( Offset 13h-10h )
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Configuration Base IO Address
IO/Memory Space Indicator
bit 0 : IO/Memory Space Indicator, fixed to 1 in this field will map into the IO space. This is a read only field.
bit 7 - 1 : not used, all 0 when read
bit 31 - 8 : Defines the address assignment mapping of MX98725 CSR registers.
bit 24:Data parity Report, is set to 1 only if PERR# active and PFCS<6> is also set.
bit 26-25:Device Select Timing of DEVSELB pin.
bit 27:not used
bit 28:Receive Target Abort, is set to indicate a transaction is terminated by a target abort.
bit 29:Receive Master Abort, is set to indicate a master transaction with Master abort.
bit 30:Signal System Error, is set to indicate assertion of SERR#.
bit 31:Detected Parity Error, is set whenever a parity error detected regardless of PFCS<6>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com