Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1105AI2-T Datasheet(PDF) 5 Page - Microchip Technology

Part # DSC1105AI2-T
Description  Low EMI, Low-Jitter Precision CMOS Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1105AI2-T Datasheet(HTML) 5 Page - Microchip Technology

  DSC1105AI2-T Datasheet HTML 1Page - Microchip Technology DSC1105AI2-T Datasheet HTML 2Page - Microchip Technology DSC1105AI2-T Datasheet HTML 3Page - Microchip Technology DSC1105AI2-T Datasheet HTML 4Page - Microchip Technology DSC1105AI2-T Datasheet HTML 5Page - Microchip Technology DSC1105AI2-T Datasheet HTML 6Page - Microchip Technology DSC1105AI2-T Datasheet HTML 7Page - Microchip Technology DSC1105AI2-T Datasheet HTML 8Page - Microchip Technology DSC1105AI2-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2017 Microchip Technology Inc.
DS20005869A-page 5
DSC1105/25
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
7x5 w/ Pad
Pin Number
7x5 w/o Pad
Pin Number
5x3.2
Pin Number
3.2x2.5
Pin Number
2x2.5
Pin Name
Description
11111
EN
Enable.
22222
NC
Do not connect.
33333
GND
Ground.
44444
OUT
Output.
55555
NC
Do not connect.
66666
VDD
Supply voltage.
PAD
————
PAD
Tie to ground.
TABLE 2-2:
OUTPUT ENABLE MODES
EN Pin
DSC1105
DSC1125
High
Output Active
Output Active
NC
Output Active
Output Active
Low
Standby
Output Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com