Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7523JS Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7523JS
Description  15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7523JS Datasheet(HTML) 4 Page - Exar Corporation

  MP7523JS Datasheet HTML 1Page - Exar Corporation MP7523JS Datasheet HTML 2Page - Exar Corporation MP7523JS Datasheet HTML 3Page - Exar Corporation MP7523JS Datasheet HTML 4Page - Exar Corporation MP7523JS Datasheet HTML 5Page - Exar Corporation MP7523JS Datasheet HTML 6Page - Exar Corporation MP7523JS Datasheet HTML 7Page - Exar Corporation MP7523JS Datasheet HTML 8Page - Exar Corporation MP7523JS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP7523/XRD7523
4
Rev. 3.00
25
°C
NOTES:
Specifications are subject to change without notice
ELECTRICAL CHARACTERISTICS (CON’T)
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
POWER SUPPLY
Functional Voltage Range2
VDD
5
16
5
16
V
Supply Current
IDD
1.6
1.6
mA
All digital inputs = 0 V or all = 15 V
1
Full Scale Range (FSR) is 10V.
2
Guaranteed but not production tested.
3
Digital input levels should not go below ground or exceed the positive supply voltage, otherwise damage may occur.
4
Specified values guarantee functionality. Refer to other parameters for accuracy.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2
VDD to GND
+17 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Input Voltage to GND GND –0.5 to VDD +0.5 V
IOUT1, IOUT2 to GND
–0.5 to 6.5 V
. . . . . . . . . . . . . . . . .
VREF to GND
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VRFB to GND
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . . .
Lead Temperature (Soldering, 10 seconds)
+300
°C
.
Package Power Dissipation Rating to 75
°C
CDIP, PDIP, SOIC
800mW
. . . . . . . . . . . . . . . . . . . .
Derates above 75
°C
11mW/
°C
. . . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
APPLICATION NOTES
Refer to Section 8 in the 1995 Data Acquisition Products databook for Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com