Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1252GC Datasheet(PDF) 1 Page - Adels-Contact

Part # 1252GC
Description  1000/12 GW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

1252GC Datasheet(HTML) 1 Page - Adels-Contact

  1252GC Datasheet HTML 1Page - Adels-Contact 1252GC Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20/01/2020
Screw Connectors
1000/12 GW
Terminal Block, 12 pole, Insulating Material: PA 6-GW, Cross-
Section: 6.0 mm², Pin Spacing: 12.0 mm, Fixing: Screw, Voltage
Rating: 500 V, Current Rating: 41 A
Order Info
Reference Number (ref. no.)
1252GC
Applications
Lighting, Installation, Electrical Appliances, Transformers
PU
25
EAN
4028012121984
Type
Type
Terminal Block
Number of poles
12 pole
Clamping Units per Pole
1
Colour
white
Cross-Section
6.0 mm²
Connection Type
Screw
Technical Data
Voltage Rating
500 V
Current Rating
41 A
Insulating Material
PA 6-GW
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
10.0 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.5-8.0 mm
Assembly Contact Screw
0.8x4.0 / 0.8 Nm
Pin Spacing
12.0 mm
Fixing
Screw
Approbation EN60998
1000_EN60998_20070806_20160412_VDE_ENEC_40021747_web.pdf
Approbation UL
500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 1252GC

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
1252G1 ADELS-1252G1 Datasheet
116Kb / 2P
1000/ 1 GW
1252G2 ADELS-1252G2 Datasheet
117Kb / 2P
1000/ 2 GW
1252G3 ADELS-1252G3 Datasheet
117Kb / 2P
1000/ 3 GW
1252G4 ADELS-1252G4 Datasheet
118Kb / 2P
1000/ 4 GW
1252G5 ADELS-1252G5 Datasheet
119Kb / 2P
1000/ 5 GW
More results

Similar Description - 1252GC

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
1252G1 ADELS-1252G1 Datasheet
116Kb / 2P
1000/ 1 GW
1252G4 ADELS-1252G4 Datasheet
118Kb / 2P
1000/ 4 GW
1252G5 ADELS-1252G5 Datasheet
119Kb / 2P
1000/ 5 GW
1252G7 ADELS-1252G7 Datasheet
120Kb / 2P
1000/ 7 GW
1252GB ADELS-1252GB Datasheet
121Kb / 2P
1000/11 GW
1253GC ADELS-1253GC Datasheet
122Kb / 2P
1000/12 DS GW
1253GCM ADELS-1253GCM Datasheet
122Kb / 2P
1000/12 MDS GW
1256GC ADELS-1256GC Datasheet
122Kb / 2P
1000 K/12 GW
1257GC ADELS-1257GC Datasheet
122Kb / 2P
1000 K/12 DS GW
1257GCM ADELS-1257GCM Datasheet
122Kb / 2P
1000 K/12 MDS GW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com