Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

123607 Datasheet(PDF) 1 Page - Adels-Contact

Part # 123607
Description  500 K/ 7 35
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

123607 Datasheet(HTML) 1 Page - Adels-Contact

  123607 Datasheet HTML 1Page - Adels-Contact 123607 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
17/01/2020
Screw Connectors
500 K/ 7 35
Terminal Block, 7 pole, Insulating Material: PA 6, Cross-
Section: 2.5 mm², Pin Spacing: 10.0 mm, Fixing: Screw, Voltage
Rating: 450 V, Current Rating: 24 A
Order Info
Reference Number (ref. no.)
123607
Applications
Lighting, Installation, Electrical Appliances
PU
400
Type
Type
Terminal Block
Number of poles
7 pole
Clamping Units per Pole
1
Colour
natural
Cross-Section
2.5 mm²
Connection Type
Screw
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
6.0 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.0-7.5 mm
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Pin Spacing
10.0 mm
Fixing
Screw
Approbation EN60998
500_EN60998_20070808_20160412_VDE_ENEC_40021791_web.pdf
Approbation UL
500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 123607

ManufacturerPart #DatasheetDescription
logo
Heyco.
12360 HEYCO-12360 Datasheet
131Kb / 1P
Shorty Side Entry Cable Holders
logo
Weidmuller
1236000000 WEIDMULLER-1236000000 Datasheet
655Kb / 7P
BCF 3.81/08/180FZE SN OR BX
logo
Adels-Contact
123601 ADELS-123601 Datasheet
116Kb / 2P
500 K/ 1 35
logo
Weidmuller
1236010000 WEIDMULLER-1236010000 Datasheet
646Kb / 7P
BCF 3.81/09/180FZE SN OR BX
logo
Adels-Contact
123602 ADELS-123602 Datasheet
117Kb / 2P
500 K/ 2 35
More results

Similar Description - 123607

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
123207 ADELS-123207 Datasheet
119Kb / 2P
500/ 7 35
123608 ADELS-123608 Datasheet
120Kb / 2P
500 K/ 8 35
123627 ADELS-123627 Datasheet
158Kb / 2P
500 K/ 7 35 HT
123707 ADELS-123707 Datasheet
120Kb / 2P
500 K/ 7 35 DS
123767 ADELS-123767 Datasheet
158Kb / 2P
500 K/ 7 35 DS HT
1236G7 ADELS-1236G7 Datasheet
120Kb / 2P
500 K/ 7 35 GW
1237G7 ADELS-1237G7 Datasheet
120Kb / 2P
500 K/ 7 35 DS GW
1237G7M ADELS-1237G7M Datasheet
120Kb / 2P
500 K/ 7 35 MDS GW
123707M ADELS-123707M Datasheet
120Kb / 2P
500 K/ 7 35 MDS
123767M ADELS-123767M Datasheet
158Kb / 2P
500 K/ 7 35 MDS HT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com