Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

123708 Datasheet(PDF) 1 Page - Adels-Contact

Part # 123708
Description  500 K/ 8 35 DS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

123708 Datasheet(HTML) 1 Page - Adels-Contact

  123708 Datasheet HTML 1Page - Adels-Contact 123708 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20/01/2020
Screw Connectors
500 K/ 8 35 DS
Terminal Block, 8 pole, Insulating Material: PA 6, Cross-
Section: 2.5 mm², Pin Spacing: 10.0 mm, Wire Protector (DS): yes,
Fixing: Screw, Voltage Rating: 450 V, Current Rating: 24 A
Order Info
Reference Number (ref. no.)
123708
Applications
Lighting, Installation, Electrical Appliances
PU
400
Type
Type
Terminal Block
Number of poles
8 pole
Clamping Units per Pole
1
Colour
natural
Cross-Section
2.5 mm²
Connection Type
Screw
Wire Protector (DS)
yes
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
2.5 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.0-7.5 mm
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Pin Spacing
10.0 mm
Fixing
Screw
Approbation EN60998
500_EN60998_20070808_20160412_VDE_ENEC_40021791_web.pdf
Approbation UL
500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 123708

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1237080000 WEIDMULLER-1237080000 Datasheet
565Kb / 7P
SCZ 3.81/10/180GZE SN OR BX
logo
Adels-Contact
123708M ADELS-123708M Datasheet
121Kb / 2P
500 K/ 8 35 MDS
More results

Similar Description - 123708

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
123701 ADELS-123701 Datasheet
117Kb / 2P
500 K/ 1 35 DS
123702 ADELS-123702 Datasheet
117Kb / 2P
500 K/ 2 35 DS
123703 ADELS-123703 Datasheet
118Kb / 2P
500 K/ 3 35 DS
20/01/2020
123705 ADELS-123705 Datasheet
119Kb / 2P
500 K/ 5 35 DS
123706 ADELS-123706 Datasheet
120Kb / 2P
500 K/ 6 35 DS
123707 ADELS-123707 Datasheet
120Kb / 2P
500 K/ 7 35 DS
123709 ADELS-123709 Datasheet
121Kb / 2P
500 K/ 9 35 DS
123710 ADELS-123710 Datasheet
121Kb / 2P
500 K/10 35 DS
123768 ADELS-123768 Datasheet
160Kb / 2P
500 K/ 8 35 DS HT
1237G8 ADELS-1237G8 Datasheet
121Kb / 2P
500 K/ 8 35 DS GW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com