Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

123763 Datasheet(PDF) 1 Page - Adels-Contact

Part # 123763
Description  500 K/ 3 35 DS HT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

123763 Datasheet(HTML) 1 Page - Adels-Contact

  123763 Datasheet HTML 1Page - Adels-Contact 123763 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20/01/2020
Screw Connectors
500 K/ 3 35 DS HT
Terminal Block, 3 pole, Insulating Material: PA 6.6-HT, Cross-
Section: 2.5 mm², Pin Spacing: 10.0 mm, Wire Protector (DS): yes,
Fixing: Screw, Voltage Rating: 450 V, Current Rating: 24 A
Order Info
Reference Number (ref. no.)
123763
Applications
Lighting, Installation, Electrical Appliances
PU
1,000
Type
Type
Terminal Block
Number of poles
3 pole
Clamping Units per Pole
1
Colour
brown
Cross-Section
2.5 mm²
Connection Type
Screw
Wire Protector (DS)
yes
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6.6-HT
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
2.5 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
130 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.0-7.5 mm
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Pin Spacing
10.0 mm
Fixing
Screw
Approbation EN60998
500_EN60998_20070808_20160412_VDE_ENEC_40021791_web.pdf
Approbation UL
500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 123763

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1237630000 WEIDMULLER-1237630000 Datasheet
518Kb / 7P
SCZ 3.81/11/180FIZE SN OR BX
logo
Adels-Contact
123763B ADELS-123763B Datasheet
113Kb / 2P
500 K/ 3 35 DS HT printed
123763M ADELS-123763M Datasheet
151Kb / 2P
500 K/ 3 35 MDS HT
More results

Similar Description - 123763

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
123761 ADELS-123761 Datasheet
145Kb / 2P
500 K/ 1 35 DS HT
123762 ADELS-123762 Datasheet
148Kb / 2P
500 K/ 2 35 DS HT
123763B ADELS-123763B Datasheet
113Kb / 2P
500 K/ 3 35 DS HT printed
123764 ADELS-123764 Datasheet
153Kb / 2P
500 K/ 4 35 DS HT
123765 ADELS-123765 Datasheet
155Kb / 2P
500 K/ 5 35 DS HT
123767 ADELS-123767 Datasheet
158Kb / 2P
500 K/ 7 35 DS HT
123768 ADELS-123768 Datasheet
160Kb / 2P
500 K/ 8 35 DS HT
123769 ADELS-123769 Datasheet
152Kb / 2P
500 K/ 9 35 DS HT
123771 ADELS-123771 Datasheet
155Kb / 2P
500 K/11 35 DS HT
123772 ADELS-123772 Datasheet
158Kb / 2P
500 K/12 35 DS HT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com