Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU10VFC-R03370 Datasheet(PDF) 2 Page - Kemet Corporation

Part # SU10VFC-R03370
Description  Common Mode SU Coils, 10VFC-R Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SU10VFC-R03370 Datasheet(HTML) 2 Page - Kemet Corporation

  SU10VFC-R03370_V01 Datasheet HTML 1Page - Kemet Corporation SU10VFC-R03370_V01 Datasheet HTML 2Page - Kemet Corporation SU10VFC-R03370_V01 Datasheet HTML 3Page - Kemet Corporation SU10VFC-R03370_V01 Datasheet HTML 4Page - Kemet Corporation SU10VFC-R03370_V01 Datasheet HTML 5Page - Kemet Corporation SU10VFC-R03370_V01 Datasheet HTML 6Page - Kemet Corporation SU10VFC-R03370_V01 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0018_SU10VFC-R • 1/7/2020
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – Common Mode SU Coils, 10VFC-R Series
Magnetic Permeability of Ferrite Material
Inordertoachievemostefficientnoisereduction,itisimportanttoselectthematerialaccordingtothetargetfrequency
band.Dependingonitsmagneticpermeability,aparticularferritematerialwillbeeffectiveinacertainfrequencyband.
Aschematicrepresentationoftherelationshipbetweenthemagneticpermeabilityofeachmaterialandthecorresponding
effectivebandrangeisshowninFigure1.Materialswithhighermagneticpermeabilityareeffectiveinthelowerfrequency
range,whilethosewithlowermagneticpermeabilityareeffectiveinthehigherfrequencyrange.Thus,Mn-Znproductsare
mainlyusedforreducingconductionnoise,whileNi-Znproductsarecommonlyusedforradiationnoisecountermeasures.
Theeffectivefrequencyrangevariesdependingoncoreshape,sizeandnumberofwindings.Thisfrequencydependence
ofthemagneticpermeabilityasshowninthefigureservesforreferencepurposesonlyanditshouldbetestedontheactual
device to determine its effectiveness.
S18H, S15H, 10H, 7H, 5H, 1400L and 700L are KEMET’s proprietary ferrite material names. Other materials can also be
available on request.
Figure 1 - Relationship between the magnetic permeability of each material and its effective frequency range
10 kHz
0
10,000
20,000
100 kHz
1 MHz
10 MHz
100 MHz
1 GHz
Effective Frequency Range
Ni-Zn Series
1400L
700L
S18H
S15H
10H
7H
5H
Mn-Zn Series
Lower magnetic permeability:
Higher noise suppression effect
in the higher frequency range
Higher magnetic permeability:
Higher noise suppression effect
in the lower frequency range



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com