Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU10VFC-R05140 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SU10VFC-R05140
Description  Common Mode SU Coils, 10VFC-R Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SU10VFC-R05140 Datasheet(HTML) 1 Page - Kemet Corporation

  SU10VFC-R05140 Datasheet HTML 1Page - Kemet Corporation SU10VFC-R05140 Datasheet HTML 2Page - Kemet Corporation SU10VFC-R05140 Datasheet HTML 3Page - Kemet Corporation SU10VFC-R05140 Datasheet HTML 4Page - Kemet Corporation SU10VFC-R05140 Datasheet HTML 5Page - Kemet Corporation SU10VFC-R05140 Datasheet HTML 6Page - Kemet Corporation SU10VFC-R05140 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0018_SU10VFC-R • 1/7/2020
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
One world. One KEMET
Benefits
• Proprietary 10H ferrite material and equivalents
• Suitablefor≥150kHzrange
• Widevarietyofsizesandspecifications
• Operatingtemperaturerangefrom−25°Cto+120°C
• UL94V–0flameretardantratedbobbin
Overview
The KEMET SU coils are common mode chokes with a
widevarietyofcharacteristics.Thesegeartypecoilsare
designedwithourproprietaryferriteUUcoresandare
usefulinvariousnoisecountermeasurefields.
Applications
• Audio-visual equipment
• Officeautomationequipment
• Digitalappliances
• Power supplies
AC Line Filters
Common Mode SU Coils, 10VFC-R Series
Part Number System
SU
10
VFC-
R
03
370
Series
CoreSizeCode
Core Orientation
Core Type
Rated Current (A)
Inductance (mH) Minimum
SU
10
VFC = Vertical
Blank = Standard
R=Highpermeability
0x = 0.x A
xx = x.x A
Examples:
03 = 0.3 A
15 = 1.5 A
xx0 = xx mH
0xx = x.x mH
Examples:
370 = 37 mH
025 = 2.5 mH


Similar Part No. - SU10VFC-R05140

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SU10VFC-R05140 KEMET-SU10VFC-R05140 Datasheet
379Kb / 5P
SU Coils, SU 10VFC-R Type
More results

Similar Description - SU10VFC-R05140

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SU9VF-02100 KEMET-SU9VF-02100 Datasheet
387Kb / 5P
SU Coils, SU 9VF/9HF Type
SU10VFC-R03370 KEMET-SU10VFC-R03370 Datasheet
379Kb / 5P
SU Coils, SU 10VFC-R Type
SU10VFC-R10045 KEMET-SU10VFC-R10045 Datasheet
85Kb / 1P
Commercial Grade, SU-10VFC-R, 4500 uH
SU7VC-02120 KEMET-SU7VC-02120 Datasheet
350Kb / 4P
SU Coils, SU 7VC Type
SU7VC-2120 KEMET-SU7VC-2120 Datasheet
362Kb / 4P
SU Coils, SU 7VC Type
SU9VF-2100 KEMET-SU9VF-2100 Datasheet
306Kb / 4P
SU Coils, SU 9VF/9HF Type
SU9V-R2140 KEMET-SU9V-R2140 Datasheet
367Kb / 5P
SU Coils, SU 9V/9H Type
SU10VFC-R3370 KEMET-SU10VFC-R3370 Datasheet
298Kb / 4P
SU Coils, SU 10VFC-R Type
SU9H-01100 KEMET-SU9H-01100_V01 Datasheet
464Kb / 7P
Common Mode SU Coils, 9V/9H Series
SU9HF-01250 KEMET-SU9HF-01250 Datasheet
424Kb / 7P
Common Mode SU Coils, 9VF/9HF Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com