Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS11VL-R04520 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS11VL-R04520
Description  Common Mode SS Coils, 11VL Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS11VL-R04520 Datasheet(HTML) 1 Page - Kemet Corporation

  SS11VL-R04520 Datasheet HTML 1Page - Kemet Corporation SS11VL-R04520 Datasheet HTML 2Page - Kemet Corporation SS11VL-R04520 Datasheet HTML 3Page - Kemet Corporation SS11VL-R04520 Datasheet HTML 4Page - Kemet Corporation SS11VL-R04520 Datasheet HTML 5Page - Kemet Corporation SS11VL-R04520 Datasheet HTML 6Page - Kemet Corporation SS11VL-R04520 Datasheet HTML 7Page - Kemet Corporation SS11VL-R04520 Datasheet HTML 8Page - Kemet Corporation SS11VL-R04520 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0022_SS11VL • 6/14/2019
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
One world. One KEMET
Benefits
• Proprietary 5H and 10H ferrite materials and equivalents
• Suitablefor≥150kHzrange
• Widevarietyofsizesandspecifications
• Operatingtemperaturerangefrom−25°Cto+120°C
• UL94V–0flameretardantratedbaseandbobbin
Overview
The KEMET SS coils are common mode chokes with a
widevarietyofcharacteristics.Thesegeartypecoilsare
designedwithourproprietaryferritecoresandareusefulin
variousnoisecountermeasurefields.
Applications
• Audio-visual equipment
• Officeautomationequipment
• Digitalappliances
• Power supplies
AC Line Filters
Common Mode SS Coils, 11VL Series
Part Number System
SS
11
VL-
R
03
820
Series
CoreSizeCode Core Orientation
Core Type
Rated Current (A)
Inductance (H) Minimum
SS
11
VL = Vertical
Blank = Standard
R=Highpermeability
0x = 0.x A
xx = x.x A
Examples:
03 = 0.3 A
13 = 1.3 A
xx0 = xx mH
0xx = x.x mH
Examples:
820 = 82 mH
024 = 2.4 mH


Similar Part No. - SS11VL-R04520

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS11VL-R04520 KEMET-SS11VL-R04520 Datasheet
363Kb / 6P
SS Coils, SS11VL High Frequency Type
More results

Similar Description - SS11VL-R04520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TR0808 ETC1-TR0808 Datasheet
26Kb / 1P
Common Mode Toroidal Coils
logo
Sumida Corporation
CBM6068 SUMIDA-CBM6068 Datasheet
252Kb / 1P
Common Mode Choke Coils
logo
KOA Speer Electronics, ...
SLF0905T KOA-SLF0905T Datasheet
83Kb / 1P
common mode choke coils
logo
Kemet Corporation
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
SS Coils, SS21V Type
SS20H-R03660 KEMET-SS20H-R03660 Datasheet
265Kb / 4P
SS Coils, SS20H Type
SS30V-R080960 KEMET-SS30V-R080960 Datasheet
337Kb / 5P
SS Coils, SS30V Type
logo
Sumida Corporation
NFC56D80 SUMIDA-NFC56D80 Datasheet
184Kb / 1P
Common Mode Choke Coils
logo
Kemet Corporation
SCR38-130-S1R4A015J KEMET-SCR38-130-S1R4A015J Datasheet
413Kb / 6P
Common Mode SCR Coils, Standard Series
SC-02-101 KEMET-SC-02-101_V01 Datasheet
1Mb / 17P
Common Mode SC Coils, Standard Series
SS11H-03550-CH KEMET-SS11H-03550-CH_V01 Datasheet
346Kb / 6P
Common Mode SS Coils, 11V/H-CH Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com