Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU9V-R02140 Datasheet(PDF) 4 Page - Kemet Corporation

Part # SU9V-R02140
Description  Common Mode SU Coils, 9V/9H Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SU9V-R02140 Datasheet(HTML) 4 Page - Kemet Corporation

  SU9V-R02140 Datasheet HTML 1Page - Kemet Corporation SU9V-R02140 Datasheet HTML 2Page - Kemet Corporation SU9V-R02140 Datasheet HTML 3Page - Kemet Corporation SU9V-R02140 Datasheet HTML 4Page - Kemet Corporation SU9V-R02140 Datasheet HTML 5Page - Kemet Corporation SU9V-R02140 Datasheet HTML 6Page - Kemet Corporation SU9V-R02140 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0016_SU9V-9H • 1/7/2020
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – Common Mode SU Coils, 9V/9H Series
Table 1 – Ratings & Part Number Reference
Part Number
Rated Current
(A)
Inductance
(mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Marking
Weight (g)
Approximate
SU9H-01100
0.1
10.0
8.0
40
01100
3.0
SU9V-01100
0.1
10.0
8.0
40
01100
3.0
SU9H-02080
0.2
8.0
6.0
40
02080
3.2
SU9V-02080
0.2
8.0
6.0
40
02080
3.2
SU9H-03050
0.3
5.0
3.0
40
03050
3.4
SU9V-03050
0.3
5.0
3.0
40
03050
3.4
SU9H-05020
0.5
2.0
1.0
40
05020
3.5
SU9V-05020
0.5
2.0
1.0
40
05020
3.5
SU9H-07010
0.7
1.0
0.6
40
07010
3.5
SU9V-07010
0.7
1.0
0.6
40
07010
3.5
SU9H-10005
1.0
0.5
0.3
40
10005
3.4
SU9V-10005
1.0
0.5
0.3
40
10005
3.4
SU9H-R01180
0.1
18.0
8.0
40
R 01180
3.0
SU9V-R01180
0.1
18.0
8.0
40
R 01180
3.0
SU9H-R02140
0.2
14.0
6.0
40
R 02140
3.2
SU9V-R02140
0.2
14.0
6.0
40
R 02140
3.2
SU9H-R03090
0.3
9.0
3.0
40
R 03090
3.4
SU9V-R03090
0.3
9.0
3.0
40
R 03090
3.4
SU9H-R05034
0.5
3.4
1.0
40
R 05034
3.5
SU9V-R05034
0.5
3.4
1.0
40
R 05034
3.5
SU9H-R07017
0.7
1.7
0.6
40
R 07017
3.5
SU9V-R07017
0.7
1.7
0.6
40
R 07017
3.5
SU9H-R10008
1.0
0.8
0.3
40
R 10008
3.4
SU9V-R10008
1.0
0.8
0.3
40
R 10008
3.4
Frequency Characteristics
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SU9V/H-01100
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SU9V/H-02080
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SU9V/H-03050
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SU9V/H-05020
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SU9V/H-07010
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SU9V/H-10005
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SU9V/H-R01180
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SU9V/H-R02140



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com