Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPLE1205D Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPLE1205D
Description  0.25W 1.5KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPLE1205D Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPLE1205D Datasheet HTML 1Page - Toppower Electronic Technology Limited TPLE1205D Datasheet HTML 2Page - Toppower Electronic Technology Limited TPLE1205D Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPLE Series
www.gztoppower.com
TEL:00
86-20-62162688
EMAIL:sales2@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPLE series are miniature, isolated low power and high efficiency DC/DC converters in a
SIP and DIP package. They offer the ideal solution in many space critical applications for board
level power distribution. The Internal SMD construction makes it possible to offer a product with
high performance at low cost, The series offers smaller size, improved efficiency, lower output
ripple noise and 1.5KVDC isolation. Operating temperature range from -40 ºC to 105 ºC.
0.25W 1.5KVDC Isolated Single Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TPLE0303D
3.3
3.3
75.8/7.58
70
DIP
TPLE0305D
3.3
5
51/5.1
70
DIP
TPLE0503D
5
3.3
75.8/7.58
70
DIP
TPLE0505D
5
5
51/5.1
71
DIP
TPLE0509D
5
9
28/2.8
74
DIP
TPLE0512D
5
12
21/2.1
76
DIP
TPLE0515D
5
15
17/1.7
76
DIP
TPLE0303S
3.3
3.3
75.8/7.58
70
SIP
TPLE0305S
3.3
5
51/5.1
70
SIP
TPLE0503S
5
3.3
75.8/7.58
70
SIP
TPLE0505S
5
5
50/5
70
SIP
TPLE0509S
5
9
28/2.8
75
SIP
TPLE0512S
5
12
21/2.1
75
SIP
TPLE0515S
5
15
16/1.6
75
SIP
TPLE1203D
12
3.3
75.8/7.58
70
DIP
TPLE1205D
12
5
50/5
71
DIP
TPLE1209D
12
9
28/2.8
75
DIP
TPLE1212D
12
12
21/2.1
75
DIP
TPLE1215D
12
15
16/1.6
75
DIP
TPLE1203S
12
3.3
75.8/7.58
70
SIP
TPLE1205S
12
5
50/5
71
SIP
TPLE1209S
12
9
28/2.8
75
SIP
TPLE1212S
12
12
21/2.1
75
SIP
TPLE1215S
12
15
16/1.6
75
SIP
TPLE2405D
24
5
50/5
71
DIP
TPLE2412D
24
12
21/2.1
75
DIP
TPLE2415D
24
15
16/1.6
75
DIP
TPLE2405S
24
5
50/5
71
SIP
TPLE2412S
24
12
21/2.1
75
SIP
TPLE2415S
24
15
16/1.6
75
SIP
Add suffix “P” for continuous short circuit protection, for example TPLE0505SP.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input types
2.9
3.3
3.6
V
Voltage range
5V input types
4.5
5.0
5.5
V
Voltage range
12V input types
11
12
13.3
V
Voltage range
24V input types
22
24
26.5
V
FEATURES
RoHS compliant、CE certification
Single output rail
1.5KVDC isolation
High efficiency for low power applications
SIP & DIP package styles
Power density 0.36W/cm3
UL 94V-0 package material
Footprint from 0.69cm2
Input voltage: 3.3V, 5V,12V,24V
Output voltage: 3.3V, 5V, 9V, 12V ,15V
Custom solutions available
Operating temperature: -40ºC to 105ºC
TOPPOWER


Similar Part No. - TPLE1205D

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPLE1205D TOPPOWER-TPLE1205D Datasheet
635Kb / 3P
0.25W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE1205D-W1 TOPPOWER-TPLE1205D-W1 Datasheet
637Kb / 3P
0.1W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE1205D-W1 TOPPOWER-TPLE1205D-W1 Datasheet
763Kb / 3P
0.1W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE1205D-W5 TOPPOWER-TPLE1205D-W5 Datasheet
633Kb / 3P
0.5W 1.5KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPLE1205D

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL Datasheet
614Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE TOPPOWER-TPLE Datasheet
635Kb / 3P
0.25W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE-W5 TOPPOWER-TPLE-W5 Datasheet
633Kb / 3P
0.5W 1.5KVDC Isolated Single Output DC/DC Converters
TPTE-W2 TOPPOWER-TPTE-W2 Datasheet
652Kb / 3P
0.25W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TKE-W25 TOPPOWER-TKE-W25 Datasheet
818Kb / 4P
0.25W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TPL TOPPOWER-TPL_19 Datasheet
695Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TKE-W25 TOPPOWER-TKE-W25_V01 Datasheet
750Kb / 4P
0.25W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
3W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE-W1 TOPPOWER-TPLE-W1_V01 Datasheet
763Kb / 3P
0.1W 1.5KVDC Isolated Single Output DC/DC Converters
TPR-W25 TOPPOWER-TPR-W25_V01 Datasheet
786Kb / 3P
0.25W 3KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com