Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

124607 Datasheet(PDF) 1 Page - Adels-Contact

Part # 124607
Description  500 SKT II/ 7
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

124607 Datasheet(HTML) 1 Page - Adels-Contact

  124607 Datasheet HTML 1Page - Adels-Contact 124607 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20/01/2020
Screw Connectors
500 SKT II/ 7
Terminal Block, 7 pole, Insulating Material: PA 6, Cross-
Section: 2.5 mm², Pin Spacing: 10.0 mm, Fixing: Screw, Voltage
Rating: 450 V, Current Rating: 24 A
Order Info
Reference Number (ref. no.)
124607
Applications
Installation
PU
300
Type
Type
Terminal Block
Number of poles
7 pole
Clamping Units per Pole
1
Colour
natural
Cross-Section
2.5 mm²
Connection Type
Screw
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
6.0 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.0-7.5 mm
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Pin Spacing
10.0 mm
Fixing
Screw
Approbation EN60998
500_EN60998_20070808_20160412_VDE_ENEC_40021791_web.pdf
Approbation UL
500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 124607

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
12460 FESTO-12460 Datasheet
96Kb / 2P
Air solenoid valve
logo
Adels-Contact
124602 ADELS-124602 Datasheet
117Kb / 2P
500 SKT II/ 2
124603 ADELS-124603 Datasheet
118Kb / 2P
500 SKT II/ 3
124604 ADELS-124604 Datasheet
118Kb / 2P
500 SKT II/ 4
124605 ADELS-124605 Datasheet
119Kb / 2P
500 SKT II/ 5
More results

Similar Description - 124607

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
124602 ADELS-124602 Datasheet
117Kb / 2P
500 SKT II/ 2
124603 ADELS-124603 Datasheet
118Kb / 2P
500 SKT II/ 3
124604 ADELS-124604 Datasheet
118Kb / 2P
500 SKT II/ 4
124605 ADELS-124605 Datasheet
119Kb / 2P
500 SKT II/ 5
124606 ADELS-124606 Datasheet
146Kb / 2P
500 SKT II/ 6
124608 ADELS-124608 Datasheet
120Kb / 2P
500 SKT II/ 8
124611 ADELS-124611 Datasheet
122Kb / 2P
500 SKT II/11
124612 ADELS-124612 Datasheet
122Kb / 2P
500 SKT II/12
124707M ADELS-124707M Datasheet
120Kb / 2P
500 SKT II/ 7 MDS
124727M ADELS-124727M Datasheet
112Kb / 2P
500 SKT II/ 7 MDS HT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com