Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852TVR50 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC852TVR50
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TVR50 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC852TVR50 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
Freescale Semiconductor
21
Bus Signal Timing
Figure3 is the control timing diagram.
Figure 3. Control Timing
Figure4 provides the timing for the external clock.
Figure 4. External Clock Timing
CLKOUT
Outputs
A
B
2.0 V
0.8 V
0.8 V
2.0 V
2.0 V
0.8 V
2.0 V
0.8 V
Outputs
2.0 V
0.8 V
2.0 V
0.8 V
B
A
Inputs
2.0 V
0.8 V
2.0 V
0.8 V
D
C
Inputs
2.0 V
0.8 V
2.0 V
0.8 V
C
D
A
Maximum output delay specification
B
Minimum output hold time
C
Minimum input setup time specification
D
Minimum input hold time specification
CLKOUT
B1
B5
B3
B4
B1
B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com