Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804455 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804455
Description  PCB terminal block, Push-in spring connection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804455 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804455 Datasheet HTML 1Page - PHOENIX CONTACT 0804455 Datasheet HTML 2Page - PHOENIX CONTACT 0804455 Datasheet HTML 3Page - PHOENIX CONTACT 0804455 Datasheet HTML 4Page - PHOENIX CONTACT 0804455 Datasheet HTML 5Page - PHOENIX CONTACT 0804455 Datasheet HTML 6Page - PHOENIX CONTACT 0804455 Datasheet HTML 7Page - PHOENIX CONTACT 0804455 Datasheet HTML 8Page - PHOENIX CONTACT 0804455 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PCB terminal block, Push-in spring connection
Order No.: 1719341
Type: SPT 5/ 5-V-7,5-ZB
Data sheet
1
Main features
2
Your advantages
 No. of pos.
5
 Nominal current
41 A
 Conductor cross section
6 mm²
 Nominal voltage
1000 V
 Color
green
 Connection direction
90 °
 Pitch
7.5 mm
 Type of packaging
packed in cardboard
 Connection method
Push-in spring connection
Time saving push-in connection, tools not required
Defined contact force ensures that contact remains stable over the long term
Clamping space opened by means of fixed screwdriver enables convenient conductor connection
Unrestricted 600-V-UL approval thanks to compact zig-zag pinning
Vertical connection enables multi-row arrangement on the PCB
Make sure you always use the latest documentation.
It can be downloaded at: phoenixcontact.net/product/1719341
2017-11-13
Product version 03
Document revision 0


Similar Part No. - 0804455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804455 PHOENIX-0804455 Datasheet
128Kb / 5P
GMSTB 2,5 HCV/ 9-ST-7,62
0804455 PHOENIX-0804455 Datasheet
141Kb / 5P
GMSTBA 2,5/ 2-G
0804455 PHOENIX-0804455 Datasheet
140Kb / 5P
GMSTBVA 2,5/ 2-G
0804455 PHOENIX-0804455 Datasheet
136Kb / 5P
GMSTB 2,5/ 2-ST
0804455 PHOENIX-0804455 Datasheet
136Kb / 5P
GMSTB 2,5/ 3-ST
More results

Similar Description - 0804455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1017522 PHOENIX-1017522 Datasheet
396Kb / 11P
PCB terminal block, Push-in spring connection
1017523 PHOENIX-1017523 Datasheet
396Kb / 11P
PCB terminal block, Push-in spring connection
1017524 PHOENIX-1017524 Datasheet
396Kb / 11P
PCB terminal block, Push-in spring connection
1017525 PHOENIX-1017525 Datasheet
397Kb / 11P
PCB terminal block, Push-in spring connection
1985001 PHOENIX-1985001 Datasheet
250Kb / 13P
PCB terminal block, Push-in spring connection
1071001 PHOENIX-1071001 Datasheet
415Kb / 13P
PCB terminal block, Push-in spring connection
1071010 PHOENIX-1071010 Datasheet
407Kb / 13P
PCB terminal block, Push-in spring connection
1071014 PHOENIX-1071014 Datasheet
405Kb / 13P
PCB terminal block, Push-in spring connection
1071045 PHOENIX-1071045 Datasheet
407Kb / 13P
PCB terminal block, Push-in spring connection
1071046 PHOENIX-1071046 Datasheet
433Kb / 13P
PCB terminal block, Push-in spring connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com