Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM04TS Datasheet(PDF) 4 Page - Tyco Electronics

Part # IM04TS
Description  The Best Relaytion
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM04TS Datasheet(HTML) 4 Page - Tyco Electronics

  IM04TS Datasheet HTML 1Page - Tyco Electronics IM04TS Datasheet HTML 2Page - Tyco Electronics IM04TS Datasheet HTML 3Page - Tyco Electronics IM04TS Datasheet HTML 4Page - Tyco Electronics IM04TS Datasheet HTML 5Page - Tyco Electronics IM04TS Datasheet HTML 6Page - Tyco Electronics IM04TS Datasheet HTML 7Page - Tyco Electronics IM04TS Datasheet HTML 8Page - Tyco Electronics IM04TS Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1.5
1.13
3.4
0.15
140
16
IM00
3
2.1
6.8
0.30
140
64
IM01
4.5
3.15
10.3
0.45
140
145
IM02
5
3.5
11.4
0.50
140
178
IM03
6
4.2
13.7
0.60
140
257
IM04
9
6.3
20.4
0.90
140
574
IM05
12
8.4
27.3
1.20
140
1028
IM06
24
16.8
45.6
2.40
200
2880
IM07
Coil Data (values at 23°C)
Nominal
Operate/set voltage range
Release/
Nominal power
Resistance
Relay code
voltage
reset voltage
consumption
Unom
Minimum
Maximum
Minimum
voltage U
I
voltage U
II
Vdc
Vdc
Vdc
Vdc
mW
W / ± 10 %
non-latching
1 coil
latching
1 coil
1.5
1.13
4.1
- 1.13
100
23
IM40
3
2.25
8.1
- 2.25
100
90
IM41
4.5
3.38
12.1
- 3.38
100
203
IM42
5
3.75
13.5
- 3.75
100
250
IM43
6
4.5
16.2
- 4.50
100
360
IM44
9
6.75
24.2
- 6.75
100
810
IM45
12
9.00
32.3
- 9.00
100
1440
IM46
24
18.00
41.9
- 18.00
200
2880
IM47
Further coil versions are available on request.
IM Relay
Ambient temperature t
amb [°C]
4
U
I =
Minimum voltage at 23° C after pre-energizing
with nominal voltage without contact current
U
II =
Maximum continous voltage at 23°
The operating voltage limits U
I and UII depend on
the temperature according to the formula:
U
I tamb =KI · UI 23° C
and
U
II tamb =KIl · UIl 23° C
t
amb
= Ambient temperature
U
I tamb
= Minimum voltage at ambient temperature, t
amb
U
II tamb
= Maximum voltage at ambient temperature, t
amb
k
I, kII
= Factors (dependent on temperature), see diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com