Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD005-1206-R Datasheet(PDF) 1 Page - Fuzetec Technology Co., Ltd.

Part # FSMD005-1206-R
Description  Surface Mountable PTC Resettable Fuse: FSMD1206 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUZETEC [Fuzetec Technology Co., Ltd.]
Direct Link  http://www.fuzetec.com/
Logo FUZETEC - Fuzetec Technology Co., Ltd.

FSMD005-1206-R Datasheet(HTML) 1 Page - Fuzetec Technology Co., Ltd.

  FSMD005-1206-R Datasheet HTML 1Page - Fuzetec Technology Co., Ltd. FSMD005-1206-R Datasheet HTML 2Page - Fuzetec Technology Co., Ltd. FSMD005-1206-R Datasheet HTML 3Page - Fuzetec Technology Co., Ltd. FSMD005-1206-R Datasheet HTML 4Page - Fuzetec Technology Co., Ltd. FSMD005-1206-R Datasheet HTML 5Page - Fuzetec Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FUZETEC TECHNOLOGY CO., LTD.
NO.
PQ18-01ER
Product Specification and Approval Sheet Version A9
Page
1/5
NOTE : Specification subject to change without notice.
2016/7/22
Surface Mountable PTC Resettable Fuse: FSMD1206 Series
1. Summary
(a) RoHS Compliant & Halogen Free
(b) Applications: All high-density boards
(c) Product Features: Small surface mountable, Solid state, Faster time to trip than
standard SMD devices, Lower resistance than standard SMD devices
(d) Operation Current: 0.05A~2.0A
(e) Maximum Voltage: 6V~60VDC
(f) Temperature Range : -40℃ to 85℃
2. Agency Recognition
UL :
File No. E211981
C-UL:
File No. E211981
TÜ V:
File No. R50090556
3. Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Rated
Voltage
Max
Current
Typical
Power
Max Time to Trip
Resistance
Current
Time
RMIN
R1MAX
IH, A
IT, A
VMAX, VDC
IMAX, A
Pd, W
A
Sec
Ohms
Ohms
FSMD005-1206-R
0.05
0.15
60
100
0.4
0.25
1.50
3.600
50.000
FSMD010-1206-R
0.10
0.25
60
100
0.4
0.50
1.00
1.600
15.000
FSMD012-1206-R
0.12
0.39
48
100
0.6
1.00
0.20
1.400
6.500
FSMD016-1206-R
0.16
0.45
48
100
0.6
1.00
0.30
1.100
5.000
FSMD020-1206-R
0.20
0.40
30
100
0.4
8.00
0.10
0.600
2.500
FSMD025-1206-R
0.25
0.50
16
100
0.6
8.00
0.08
0.550
2.300
FSMD025-24-1206-R
0.25
0.50
24
100
0.6
8.00
0.08
0.550
2.300
FSMD035-1206-R
0.35
0.75
16
100
0.4
8.00
0.10
0.300
1.200
FSMD035-30-1206R
0.35
0.75
30
100
0.6
8.00
0.10
0.300
1.200
FSMD050-1206-R
0.50
1.00
8
100
0.4
8.00
0.10
0.150
0.700
FSMD050-24-1206R
0.50
1.00
24
100
0.6
8.00
0.10
0.150
0.750
FSMD075-1206R
0.75
1.50
8
100
0.6
8.00
0.20
0.090
0.290
FSMD075-16-1206R
0.75
1.50
16
100
0.6
8.00
0.20
0.090
0.290
FSMD100-1206R
1.00
1.80
6
100
0.6
8.00
0.30
0.055
0.210
FSMD110-1206R
1.10
2.20
8
100
0.8
8.00
0.30
0.040
0.180
FSMD110-16-1206R
1.10
2.20
16
100
0.8
8.00
0.30
0.040
0.180
FSMD150-1206R
1.50
3.00
8
100
0.8
8.00
1.00
0.040
0.120
FSMD200-1206R
2.00
3.50
6
100
0.8
8.00
1.50
0.018
0.080
IH=Hold current-maximum current at which the device will not trip at 23℃still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
V MAX=Maximum voltage device can withstand without damage at it rated current.(I MAX)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃ prior to tripping.
R1MAX=Maximum device resistance at 23℃ measured 1 hour after tripping or reflow soldering of 260℃ for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin


Similar Part No. - FSMD005-1206-R

ManufacturerPart #DatasheetDescription
logo
RFE international
FSMD005-1206-R RFE-FSMD005-1206-R Datasheet
361Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1206 Series
2021/03/25
More results

Similar Description - FSMD005-1206-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36203 ETC2-MC36203 Datasheet
71Kb / 5P
Surface Mountable PTC Resettable Fuse
MC36210 ETC2-MC36210 Datasheet
66Kb / 4P
Surface Mountable PTC Resettable Fuse
MC33189 ETC2-MC33189 Datasheet
376Kb / 1P
Surface Mountable PTC Resettable Fuse
logo
Fuzetec Technology Co.,...
FSMD030-2016-R FUZETEC-FSMD030-2016-R Datasheet
309Kb / 4P
Surface Mountable PTC Resettable Fuse : FSMD20
FSMD050-1206RZ FUZETEC-FSMD050-1206RZ Datasheet
197Kb / 5P
Surface Mountable PTC Resettable Fuse: Low Rho FSMD1206 Series
logo
Shanghai Leiditech Elec...
SMD0603P002TF-60 LEIDITECH-SMD0603P002TF-60 Datasheet
2Mb / 3P
Surface Mountable PTC Resettable Fuse
logo
RFE international
FSMD0603 RFE-FSMD0603 Datasheet
342Kb / 4P
Surface Mountable PTC Resettable Fuse: FSMD0603 Series
2021/04/08
FSMD0805 RFE-FSMD0805 Datasheet
338Kb / 4P
Surface Mountable PTC Resettable Fuse: FSMD0805 Series
2021/03/25
FSMD1206 RFE-FSMD1206 Datasheet
361Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1206 Series
2021/03/25
FSMD1812 RFE-FSMD1812 Datasheet
465Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1812 Series
2021/03/23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com