Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD010-1210-R Datasheet(PDF) 3 Page - Fuzetec Technology Co., Ltd.

Part # FSMD010-1210-R
Description  Surface Mountable PTC Resettable Fuse: FSMD1210 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUZETEC [Fuzetec Technology Co., Ltd.]
Direct Link  http://www.fuzetec.com/
Logo FUZETEC - Fuzetec Technology Co., Ltd.

FSMD010-1210-R Datasheet(HTML) 3 Page - Fuzetec Technology Co., Ltd.

  FSMD010-1210-R Datasheet HTML 1Page - Fuzetec Technology Co., Ltd. FSMD010-1210-R Datasheet HTML 2Page - Fuzetec Technology Co., Ltd. FSMD010-1210-R Datasheet HTML 3Page - Fuzetec Technology Co., Ltd. FSMD010-1210-R Datasheet HTML 4Page - Fuzetec Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FUZETEC TECHNOLOGY CO., LTD.
NO.
PQ19-01ER
Product Specification and Approval Sheet Version A2
Page
3/4
NOTE : Specification subject to change without notice.
2016/6/28
F75
F
6. Typical Time-To-Trip at 23℃
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Fault Current (A)
B
C
D
E
F G
H
I J
7. Material Specification
Terminal pad material: Pure Tin
Soldering characteristics: Meets EIA specification RS 186-9E, ANSI/J-std-002 Category 3
8. Part Numbering and Marking System
Part Numbering System
Part Marking System
F S M D □ □ □
– □ □ – 1210 R
Warning: -Operation beyond the specified maximum ratings or improper use may result in damage and possible
electrical arcing and/or flame.
-PPTC device are intended for occasional overcurrent protection. Application for repeated overcurrent
condition and/or prolonged trip are not anticipated.
甲、
-Avoid contact of PPTC device with chemical solvent. Prolonged contact will damage the device
performance.
A
A =FSMD005-1210-R
B =FSMD010-1210-R
C =FSMD020-1210-R
D =FSMD035-1210-R
E =FSMD050-1210-R
F =FSMD075-1210-R /
075-24-1210R
G =FSMD110-1210R /
110-16-1210R
H =FSMD150-1210R
I =FSMD175-1210R
J =FSMD200-1210R
Current Rating
Example
F
□ □
Part Identification
Fuzetec Logo
F75
Voltage Rating
F
□ □
Fuzetec Logo
Part Identification
Example



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com