Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVT110F Datasheet(PDF) 1 Page - Fuzetec Technology Co., Ltd.

Part # FVT110F
Description  Axial Leaded PTC Resettable Fuse: FVT Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUZETEC [Fuzetec Technology Co., Ltd.]
Direct Link  http://www.fuzetec.com/
Logo FUZETEC - Fuzetec Technology Co., Ltd.

FVT110F Datasheet(HTML) 1 Page - Fuzetec Technology Co., Ltd.

  FVT110F Datasheet HTML 1Page - Fuzetec Technology Co., Ltd. FVT110F Datasheet HTML 2Page - Fuzetec Technology Co., Ltd. FVT110F Datasheet HTML 3Page - Fuzetec Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FUZETEC TECHNOLOGY CO., LTD.
NO.
PQ14-101E
Product Specification and Approval Sheet Version
7
Page
1/3
NOTE : Specification subject to change without notice.
2014/9/22
Axial Leaded PTC Resettable Fuse: FVT Series
1. Summary
(a) RoHS Compliant & Halogen Free
(b) Applications: Laptop Computer, Rechargeable battery packs, Lithium cell and
battery packs
(c) Product Features: Low profile, Solid state
(d) Operation Current: 1.1A~2.4A
(e) Maximum Voltage: 16VDC
(f) Temperature Range : -40℃ to 85℃
2. Agency Recognition
UL:
File No. E211981
C-UL:
File No. E211981
TÜ V:
File No. R50004084
3. Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Max. Time to
Trip
Rated
Voltage
Maximum
Current
Typical
Power
Resistance
RMIN
RMAX
R1MAX
IH,A
IT,A
at 5xIH, S
VMAX, VDC
IMAX, A
Pd, W
Ohms
Ohms
Ohms
FVT110F
1.10
2.7
5.0
16
100
0.7
0.038
0.070
0.140
FVT170F
1.70
3.4
5.0
16
100
0.7
0.030
0.052
0.105
FVT175F
1.75
3.6
5.0
16
100
0.8
0.029
0.051
0.102
FVT200F
2.00
4.7
5.0
16
100
0.9
0.022
0.039
0.078
FVT210GF
2.10
4.7
5.0
16
100
1.2
0.018
0.030
0.060
FVT240F
2.40
5.9
5.0
16
100
1.0
0.014
0.026
0.052
IH=Hold current-maximum current at which the device will not trip at 23℃ still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated from device when in tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃.
R1MAX=Maximum device resistance at 23℃, 1 hour after tripping.
Physical specifications: Lead material: 0.125mm nominal thickness, quarter-hard nickel.
Insulating material: Polyester tape.


Similar Part No. - FVT110F

ManufacturerPart #DatasheetDescription
logo
RFE international
FVT110F RFE-FVT110F Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
More results

Similar Description - FVT110F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36184 ETC1-MC36184 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33162 ETC2-MC33162 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
logo
Fuzetec Technology Co.,...
FLR190F FUZETEC-FLR190F Datasheet
82Kb / 3P
Axial Leaded PTC Resettable Fuse: FLR Series
FSR120F FUZETEC-FSR120F Datasheet
73Kb / 3P
Axial Leaded PTC Resettable Fuse: FSR Series
FVL170F FUZETEC-FVL170F Datasheet
68Kb / 3P
Axial Leaded PTC Resettable Fuse: FVL Series
logo
RFE international
FRHV RFE-FRHV Datasheet
290Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/07
FRVL RFE-FRVL Datasheet
293Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/23
FUSB RFE-FUSB Datasheet
260Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/29
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com