Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVT175F Datasheet(PDF) 2 Page - Fuzetec Technology Co., Ltd.

Part # FVT175F
Description  Axial Leaded PTC Resettable Fuse: FVT Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUZETEC [Fuzetec Technology Co., Ltd.]
Direct Link  http://www.fuzetec.com/
Logo FUZETEC - Fuzetec Technology Co., Ltd.

FVT175F Datasheet(HTML) 2 Page - Fuzetec Technology Co., Ltd.

  FVT175F Datasheet HTML 1Page - Fuzetec Technology Co., Ltd. FVT175F Datasheet HTML 2Page - Fuzetec Technology Co., Ltd. FVT175F Datasheet HTML 3Page - Fuzetec Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FUZETEC TECHNOLOGY CO., LTD.
NO.
PQ14-101E
Product Specification and Approval Sheet Version
7
Page
2/3
NOTE : Specification subject to change without notice.
2014/9/22
4. Production Dimensions (millimeter)
Part
Number
A
B
C
D
F
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
FVT110F
23.6
25.6
2.6
2.9
0.5
0.9
7.0
8.0
2.3
2.5
FVT170F
15.4
17.5
7.0
7.4
0.5
0.9
4.0
6.2
3.9
4.1
FVT175F
21.0
23.0
3.5
3.9
0.5
0.9
4.6
6.6
2.9
3.1
FVT200F
21.0
23.0
4.1
4.5
0.5
0.9
3.0
4.8
2.9
3.1
FVT210GF
21.0
23.0
4.9
5.2
0.5
0.9
4.1
5.5
3.9
4.1
FVT240F
23.8
26.0
4.9
5.3
0.5
0.9
3.5
5.5
3.9
4.1
5.Thermal Derating Curve
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (C)
FVT Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com