Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

125708 Datasheet(PDF) 1 Page - Adels-Contact

Part # 125708
Description  1000 K/ 8 DS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

125708 Datasheet(HTML) 1 Page - Adels-Contact

  125708 Datasheet HTML 1Page - Adels-Contact 125708 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20/01/2020
Screw Connectors
1000 K/ 8 DS
Terminal Block, 8 pole, Insulating Material: PA 6, Cross-
Section: 6.0 mm², Pin Spacing: 12.0 mm, Wire Protector (DS): yes,
Fixing: Screw, Voltage Rating: 500 V, Current Rating: 41 A
Order Info
Reference Number (ref. no.)
125708
Applications
Lighting, Installation, Electrical Appliances, Transformers
PU
200
Type
Type
Terminal Block
Number of poles
8 pole
Clamping Units per Pole
1
Colour
natural
Cross-Section
6.0 mm²
Connection Type
Screw
Wire Protector (DS)
yes
Technical Data
Voltage Rating
500 V
Current Rating
41 A
Insulating Material
PA 6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
6.0 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.5-8.0 mm
Assembly Contact Screw
0.8x4.0 / 0.8 Nm
Pin Spacing
12.0 mm
Fixing
Screw
Approbation EN60998
1000_EN60998_20070806_20160412_VDE_ENEC_40021747_web.pdf
Approbation UL
500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 125708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1257087 PHOENIX-1257087 Datasheet
517Kb / 12P
SAC-3P-M8MS/ 3,0-542/M8FS BK - Sensor/actuator cable
1257088 PHOENIX-1257088 Datasheet
516Kb / 12P
SAC-3P-M8MS/ 5,0-542/M8FS BK - Sensor/actuator cable
1257089 PHOENIX-1257089 Datasheet
516Kb / 12P
SAC-3P-M8MS/10,0-542/M8FS BK - Sensor/actuator cable
logo
Adels-Contact
125708M ADELS-125708M Datasheet
121Kb / 2P
1000 K/ 8 MDS
More results

Similar Description - 125708

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
125703 ADELS-125703 Datasheet
118Kb / 2P
1000 K/ 3 DS
125704 ADELS-125704 Datasheet
119Kb / 2P
1000 K/ 4 DS
125705 ADELS-125705 Datasheet
120Kb / 2P
1000 K/ 5 DS
125706 ADELS-125706 Datasheet
120Kb / 2P
1000 K/ 6 DS
125707 ADELS-125707 Datasheet
121Kb / 2P
1000 K/ 7 DS
125709 ADELS-125709 Datasheet
122Kb / 2P
1000 K/ 9 DS
125710 ADELS-125710 Datasheet
122Kb / 2P
1000 K/10 DS
125712 ADELS-125712 Datasheet
122Kb / 2P
1000 K/12 DS
125728 ADELS-125728 Datasheet
112Kb / 2P
1000 K/ 8 DS HT
1257G8 ADELS-1257G8 Datasheet
121Kb / 2P
1000 K/ 8 DS GW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com