Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1004ED Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SF1004ED
Description  SUPER FAST GLASS PASSIVATED RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SF1004ED Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SF1004ED Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SF1004ED Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SF1004ED Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SF1004ED Datasheet HTML 4Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves
https://www.microdiode.com
Rev:2019A0
Page :2
The curve above is for reference only.
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.1
1.0
10
0.01
0.6
0.4
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
100V~200V
300V~400V
500V~600V
1000
100
10
1.0
0.1
20
40
60
80
100
120
O
TJ= 125 C
O
J
T= 25 C
1
2
5
10
20
50 100
80
70
60
50
40
30
0
200
500
Reverse Voltage -100 to 600 Volts Forward Current - 10.0 Ampere
SF1001ET(D) THRU SF1006ET(D)
NUMBER OF CYCLES AT 60Hz
240
210
180
150
120
90
60
30
1
2
5
10
20
50
100
8.3ms Single Half Since-Wave
JEDEC Method
T
C, Case Temperature (°C)
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
175



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com