Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ25005 Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # KBJ25005
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

KBJ25005 Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  KBJ25005 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd KBJ25005 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev:2019A0
Page :2
Ratings And Characteristic Curves
The curve above is for reference only.
https://www.microdiode.com
Reverse Voltage - 50 to 1000 Volts Forward Current - 25.0 Amperes
KBJ25005 THRU KBJ2510
1000
100
10
1.0
0.1
020
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL REVERSE CHARACTERISTICS
TJ=125°C
TJ=100°C
TJ=50°C
TJ=25°C
FIG.1-FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, °C
60
120
140
0
5
25
100
80
40
20
0
15
20
10
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
WITH HEATSINK
WITHOUT HEATSINK
FIG.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(VOLTS)
TJ=25°C,f=1MHZ
10.0
100
1.0
1.0
100
1000
10
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXMUN NON-REPETITIVE
SURGE CURRENT
300
50
250
100
0
1
2
5
10
20
50
100
200
150
350
TJ=25°C
(JEDEC METHOD)
SINGLE -SINE- WAVE
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
100
10
0.1
1.0
TJ = 25°C
PULSE WIDTH 300us



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com