Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2F Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # MB2F
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

MB2F Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  MB2F_V01 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MB2F_V01 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev:2019A0
Page :2
Ratings And Characteristic Curves
The curve above is for reference only.
http://www.microdiode.com
Voltage Range - 200 to 1000 Volts Current - 1.0 Ampere
MB2F THRU MB10F
1.0
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2Typical Forward Characteristics (per leg)
F
T= 25°C
Pulse Width = 300µs
A
0.4
0.8
1.2
1.6
0
10
20
30
35
1.0
10
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Peak Forward Surge Current (per leg)
T = 25°C
Single Half Sine-Wave
Pulse Width = 8.3ms
(JEDEC Method)
A
1
10
100
1
100
10
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
T= 25°C
f = 1.0MHz
J
0
0.2
0.4
0.6
0
40
80
120
160
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Output Current Derating Curve
A
10 00
100
10
1.0
0.1
O
J
T= 2 5 C
O
TJ= 125 C
FIG.5 TYPICAL REVERSE CHRACTERISTICS
PERCENT OF RATED PEAK INVERSE VOLTGE (V)
4
20
4
20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com