Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2AF Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # ES2AF
Description  SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

ES2AF Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  ES2AF Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd ES2AF Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd ES2AF Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
DN:T19712A0
https://www.microdiode.com
Rev:2019A0
Page :1
Reverse Voltage - 50 to 600 Volts Forward Current - 2.0 Ampere
ES2AF THRU ES2JF
Mechanical Data
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated
placement High forward surge current capability
High temperature soldering guaranteed:
250°C/10 seconds at terminals
Glass passivated chip junction
Case : JEDEC SMAF Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
Weight : 0.00095 ounce, 0.027 grams
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Maximum Ratings And Electrical Characteristics
Parameter
SYMBOLS
ES
2AF ES2BF ES2CF ES2DF ES2EF ES2GF ES2JF
UNITS
Marking Code
MDD
ES
2AF
MDD
ES
2BF
MDD
ES
2CF
MDD
ES
2DF
MDD
ES
2EF
MDD
ES
2GF
MDD
ES
2JF
Maximum repetitive peak reverse voltage
VRMM
50
100
150
200
300
400
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
600
V
Maximum average forward rectified current
at TL=55℃
I(AV)
2.0
A
Peak forward surge current
8.3ms single half sine-wave
superimposed onrated load (JEDEC Method)
IFSM
30
A
Maximum instantaneous forward voltage at
2.0A
VF
1
1.25
1.
68
V
TA=25℃
Maximum DC reverse current
at rated DCblocking voltage
TA=125℃
IR
5.0
100.0
μA
Maximum reverse recovery time
(NOTE 1)
trr
35
ns
Typical junction capacitance (NOTE 2)
CJ
15.0
pF
Typical thermal resistance (NOTE 3)
RJA
80.0
℃/
W
Operating junction and storage temperature range
TJ,TSTG
-55to+150
℃
Note:
1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
3.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
4.The typical data above is for referenceonly.
Dimensions in inches and (millimeters)
SMAF
0.193(4.90)
0.173(4.40)
0.047(1.20)
0.031(0.80)
0.008(0.20)
0.005(0.12)
0.047(1.20)
0.035(0.90)
0.146(3.70)
0.130(3.30)
0.063 (1.60)
0.051 (1.30)
0.106(2.70)
0.094(2.40)


Similar Part No. - ES2AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES2AF ETC2-ES2AF Datasheet
953Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ES2AF CHENDA-ES2AF Datasheet
1Mb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2AF YFWDIODE-ES2AF Datasheet
137Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Jinan Jing Heng Electro...
ES2AF JINGHENG-ES2AF Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2AF YFWDIODE-ES2AF Datasheet
427Kb / 3P
Surface Mount Superfast Recovery Rectifier
More results

Similar Description - ES2AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ED1002CS PANJIT-ED1002CS_04 Datasheet
39Kb / 2P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
MFPU1S TAITRON-MFPU1S Datasheet
141Kb / 3P
Surface Mount Super Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
FS2A YENYO-FS2A Datasheet
751Kb / 2P
Surface Mount Super Fast Recovery Rectifier
logo
Microdiode Semiconducto...
ES1AF CHENDA-ES1AF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES3ABF CHENDA-ES3ABF_V01 Datasheet
985Kb / 3P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES3ABG CHENDA-ES3ABG_V01 Datasheet
1Mb / 3P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
ERT2AAFC PANJIT-ERT2AAFC Datasheet
349Kb / 4P
Surface Mount Super Fast Recovery Rectifier
July 4,2020 ERT2AAFC_SERIES-REV.00
MER1DMB PANJIT-MER1DMB Datasheet
241Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER1DMB-REV.00
MER2DAH-AU PANJIT-MER2DAH-AU Datasheet
188Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DAH-AU-REV.00
MER2DMB PANJIT-MER2DMB Datasheet
242Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DMB-REV.00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com