Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1DF Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # ES1DF
Description  SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

ES1DF Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  ES1DF Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd ES1DF Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd ES1DF Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
DN:T19704A0
https://www.microdiode.com
Rev:2019A0
Page :1
Reverse Voltage - 50 to 600 Volts Forward Current - 1.0 Ampere
ES1AF THRU ES1JF
Mechanical Data
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated
placement High forward surge current capability
High temperature soldering guaranteed:
250°C/10 seconds at terminals
Glass passivated chip junction
Case : JEDEC SMAF Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
Weight : 0.00095 ounce, 0.027 grams
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Maximum Ratings And Electrical Characteristics
Parameter
SYMBOLS
ES1A
F ES1BF ES1CF ES1DF ES1EF ES1GF ES1JF
UNITS
Marking Code
MDD
ES1A
F
MDD
ES1B
F
MDD
ES1C
F
MDD
ES1D
F
MDD
ES1E
F
MDD
ES1G
F
MDD
ES1J
F
Maximum repetitive peak reverse voltage
VRMM
50
100
150
200
300
400
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
600
V
Maximum average forward rectified current
at TL=55℃
I(AV)
1.0
A
Peak forward surge current
8.3ms single half sine-wave
superimposed onrated load (JEDEC Method)
IFSM
30
A
Maximum instantaneous forward voltage at
1.0A
VF
1
1.25
1.
68
V
TA=25℃
Maximum DC reverse current
at rated DCblocking voltage
TA=125℃
IR
5.0
100.0
μA
Maximum reverse recovery time
(NOTE 1)
trr
35
ns
Typical junction capacitance (NOTE 2)
CJ
15.0
pF
Typical thermal resistance (NOTE 3)
RJA
80.0
℃/
W
Operating junction and storage temperature range
TJ,TSTG
-55to+150
℃
Note:
1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
3.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
4.The typical data above is for referenceonly.
Dimensions in inches and (millimeters)
SMAF
0.193(4.90)
0.173(4.40)
0.047(1.20)
0.031(0.80)
0.008(0.20)
0.005(0.12)
0.047(1.20)
0.035(0.90)
0.146(3.70)
0.130(3.30)
0.063 (1.60)
0.051 (1.30)
0.106(2.70)
0.094(2.40)


Similar Part No. - ES1DF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1DF PANJIT-ES1DF Datasheet
269Kb / 4P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Microdiode Semiconducto...
ES1DF CHENDA-ES1DF Datasheet
628Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES1DF YFWDIODE-ES1DF Datasheet
138Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Taiwan Semiconductor Co...
ES1DF TSC-ES1DF Datasheet
311Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
logo
SUNMATE electronic Co.,...
ES1DF SUNMATE-ES1DF Datasheet
336Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
More results

Similar Description - ES1DF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ED1002CS PANJIT-ED1002CS_04 Datasheet
39Kb / 2P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
MFPU1S TAITRON-MFPU1S Datasheet
141Kb / 3P
Surface Mount Super Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
FS2A YENYO-FS2A Datasheet
751Kb / 2P
Surface Mount Super Fast Recovery Rectifier
logo
Microdiode Semiconducto...
ES3ABF CHENDA-ES3ABF_V01 Datasheet
985Kb / 3P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES3ABG CHENDA-ES3ABG_V01 Datasheet
1Mb / 3P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
ERT2AAFC PANJIT-ERT2AAFC Datasheet
349Kb / 4P
Surface Mount Super Fast Recovery Rectifier
July 4,2020 ERT2AAFC_SERIES-REV.00
MER1DMB PANJIT-MER1DMB Datasheet
241Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER1DMB-REV.00
MER2DAH-AU PANJIT-MER2DAH-AU Datasheet
188Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DAH-AU-REV.00
MER2DAL PANJIT-MER2DAL Datasheet
171Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DAL-REV.00
MER2DMB PANJIT-MER2DMB Datasheet
242Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DMB-REV.00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com