Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2F Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # M2F
Description  SURFACE MOUNT GENERAL RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

M2F Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  M2F Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd M2F Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd M2F Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT GENERAL RECTIFIER
DN:T19703A0
https://www.microdiode.com
Rev:2019A0
Page :1
M1F THRU M7F
Features
Dimensions in inches and (millimeters)
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
SMAF
0.193(4.90)
0.173(4.40)
0.047(1.20)
0.031(0.80)
0.008(0.20)
0.005(0.12)
0.047(1.20)
0.035(0.90)
0.146(3.70)
0.130(3.30)
0.063 (1.60)
0.051 (1.30)
0.106(2.70)
0.094(2.40)
Mechanical Data
Case
: SMAF molded plastic body
Terminals
: Solderable per MIL-STD-750,Method 2026
Polarity
: Polarity symbol marking on body
Mounting Position
: Any
Weight
: 0.00095 ounce, 0.027 grams
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Maximum Ratings And Electrical Characteristics
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Idea for printed circuit board
Open Junction chip
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed
250℃/10 seconds at terminals
Parameter
SYMBOLS
M1F
M2F
M3F
M4F
M5F
M6F
M7F
UNITS
Marking Code
MDD
M1F
MDD
M2F
MDD
M3F
MDD
M4F
MDD
M5F
MDD
M6F
MDD
M7F
Maximum repetitive peak reverse voltage
VRMM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
at TL=75℃
I(AV)
1.0
A
Peak forward surge current
8.3ms single half sine-wave
superimposed onrated load (JEDEC Method)
IFSM
30
A
Maximum instantaneous forward voltage at 1.0A
VF
1.10
V
Maximum DC reverse current
TA=25℃
at rated DCblocking voltage
TA=125℃
IR
5.0
50.0
μA
Typical junction capacitance (NOTE 1)
CJ
15.0
pF
Typical thermal resistance (NOTE 2)
RJA
80.0
℃/
W
Operating junction and storage temperature range TJ,TSTG
-55 to +150
℃
Note:
1.Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 2.0x2.0”(5x5cm) copper pad areas
3.The typical data above is for reference only.


Similar Part No. - M2F

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
M2F CHENDA-M2F Datasheet
87Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Zibo Seno Electronic En...
M2F ZSELEC-M2F Datasheet
478Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Yixinwei Techn...
M2F YIXIN-M2F Datasheet
135Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
M2F YIXIN-M2F Datasheet
79Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Nanjing International G...
M2F DGNJDZ-M2F Datasheet
183Kb / 2P
1.0 AMP SURFACE MOUNT GENERAL RECTIFIERS
More results

Similar Description - M2F

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SOD4001 BWTECH-SOD4001_7 Datasheet
365Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
Rugao Dachang Electroni...
S1AL DACHANG-S1AL Datasheet
128Kb / 2P
Surface Mount General Rectifier
S3A DACHANG-S3A Datasheet
116Kb / 2P
Surface Mount General Rectifier
logo
Diotech Company.
S5A DIOTECH-S5A Datasheet
727Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
S3A CHENDA-S3A Datasheet
551Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
S3AF CHENDA-S3AF Datasheet
639Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Shenzhen Yixinwei Techn...
M1THRUM7 YIXIN-M1THRUM7 Datasheet
133Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
GS1A CHENDA-GS1A_V01 Datasheet
752Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
S1A CHENDA-S1A_V01 Datasheet
599Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
SHIKUES Electronics
GS1AG SKTECHNOLGY-GS1AG Datasheet
603Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com