Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804468 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804468
Description  GMKDSP 3/ 2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804468 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804468 Datasheet HTML 1Page - PHOENIX CONTACT 0804468 Datasheet HTML 2Page - PHOENIX CONTACT 0804468 Datasheet HTML 3Page - PHOENIX CONTACT 0804468 Datasheet HTML 4Page - PHOENIX CONTACT 0804468 Datasheet HTML 5Page - PHOENIX CONTACT 0804468 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Jan 25, 2011
Extract from the online
catalog
 
GMKDSP 3/ 2
Order No.: 1732021
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1732021
 
 
PC terminal block, Nominal current: 24 A, Nom. voltage: 500 V,
Pitch: 7.5 mm, Number of positions: 2, Type of connection: Screw
connection, Mounting: Soldering, Conductor/PCB connection direction:
0 °, Color: green, The article can be aligned to create different nos. of
positions!
 
Commercial data
GTIN (EAN)
4
017918
026424
sales group
E032
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 91 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
12.8 mm
Pitch
7.5 mm


Similar Part No. - 0804468

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804468 PHOENIX-0804468 Datasheet
138Kb / 6P
GMKDSP 3/ 3
0804468 PHOENIX-0804468 Datasheet
140Kb / 6P
KDS 4
0804468 PHOENIX-0804468 Datasheet
132Kb / 6P
KDSP 4
0804468-0001 PHOENIX-0804468-0001 Datasheet
45Kb / 2P
Marker for terminal blocks - SK 7,5/5:FORTL.ZAHLEN 1-10
More results

Similar Description - 0804468

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS54 MOTOROLA-SN54LS54 Datasheet
48Kb / 2P
3-2-2-3-INPUT AND-OR-INVERT GATE
logo
TRIAD MAGNETICS
F16-1250-C2 TRIAD-F16-1250-C2 Datasheet
50Kb / 1P
CLASS 2/3 TRANSFORMER
logo
PHOENIX CONTACT
1711026 PHOENIX-1711026 Datasheet
161Kb / 7P
MKDS 3/ 2
1713024 PHOENIX-1713024 Datasheet
139Kb / 6P
SMKDS 3/ 2
1714023 PHOENIX-1714023 Datasheet
136Kb / 6P
MKDSP 3/ 2
1721029 PHOENIX-1721029 Datasheet
131Kb / 5P
MKKDS 3/ 2
1721045 PHOENIX-1721045 Datasheet
148Kb / 6P
MKKDSH 3/ 2
1732034 PHOENIX-1732034 Datasheet
138Kb / 6P
GMKDSP 3/ 3
1732720 PHOENIX-1732720 Datasheet
88Kb / 7P
PCB terminal block base - GMKDSP 3/ 2-7,62
1732733 PHOENIX-1732733 Datasheet
423Kb / 13P
GMKDSP 3/ 3-7,62 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com