Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1102CE2-T Datasheet(PDF) 5 Page - Microchip Technology

Part # DSC1102CE2-T
Description  Low-Jitter Precision LVPECL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1102CE2-T Datasheet(HTML) 5 Page - Microchip Technology

  DSC1102CE2-T Datasheet HTML 1Page - Microchip Technology DSC1102CE2-T Datasheet HTML 2Page - Microchip Technology DSC1102CE2-T Datasheet HTML 3Page - Microchip Technology DSC1102CE2-T Datasheet HTML 4Page - Microchip Technology DSC1102CE2-T Datasheet HTML 5Page - Microchip Technology DSC1102CE2-T Datasheet HTML 6Page - Microchip Technology DSC1102CE2-T Datasheet HTML 7Page - Microchip Technology DSC1102CE2-T Datasheet HTML 8Page - Microchip Technology DSC1102CE2-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2019 Microchip Technology Inc.
DS20006254A-page 5
DSC1102/22
2.0
PIN DESCRIPTIONS
1
EN
NC
GND
6
VDD
OUT
OUT
5
4
2
3
FIGURE 2-1:
Pin Configuration, 6-Lead QFN
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
EN
Enable or Standby.
2
NC
Leave unconnected or connect to ground.
3
GND
Ground.
4
OUT
Output.
5
OUT
Complementary Output.
6
VDD
Supply Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com