Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2AW Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # ES2AW
Description  SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

ES2AW Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  ES2AW Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd ES2AW Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd ES2AW Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
DN:T19722A0
https://www.microdiode.com
Rev:2019A0
Page :1
ES2AW THRU ES2JW
Features
Glass passivated device
Ideal for surface mouted applications
Low reverse leakage
Metallurgically bonded construction
High temperature soldering guaranteed:
250°C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
Reverse Voltage - 50 to 600 Volts Forward Current - 2.0 Ampere
Mechanical Data
Case
: JEDEC OD-123FL molded plastic body
Terminals
: Solderable per MIL-STD-750,Method 2026
Polarity
: Polarity symbol marking on body
Mounting Position
: Any
Weight
: 0.00 7 ounce, 0.02 grams
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Maximum Ratings And Electrical Characteristics
Parameter
SYMBOLS
ES2AW ES2BW ES2CW ES2DW ES2EW ES2GW ES2JW
UNITS
Marking Code
MDD
2E1
MDD
2E2
MDD
2E3
MDD
2E4
MDD
2E5
MDD
2E6
MDD
2E8
Maximum repetitive peak reverse voltage
VRMM
50
100
150
200
300
400
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
600
V
Maximum average forward rectified current at
Ta=65
°C
I(AV)
2.0
A
Peak forward surge current 8.3ms single half
sine-wave
superimposed onrated load (JEDEC Method)
IFSM
50
A
Maximum instantaneous forward voltage at 2.0A
VF
0.95
1.25
1.7
V
Maximum DC reverse current TA=25℃
at rated DCblocking voltage TA=125℃
IR
5
100
μA
Typical junction capacitance (NOTE 1)
CJ
25
pF
Maximum Reverse Recovery Time (NOTE 2)
trr
35
ns
Typical thermal resistance (NOTE 3)
RJA
90
℃/
W
Operating junction temperature range
TJ
-55to+125
℃
Storage temperature range
TSTG
-55to+150
℃
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
3.The typical data above is for reference only.
Dimensions in inches and (millimeters)
SOD-123FL
0.154(3.90)
0.141(3.60)
0.035(0.90)
0.028(0.70)
0.008(0.20)
0.005(0.12)
0.043(1.10)
0.035(0.90)
0.114(2.90)
0.102(2.60)
0.031 (0.08)
0.043 (1.10)
0.075(1.90)
0.067(1.70)


Similar Part No. - ES2AW

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ES2AW CHENDA-ES2AW Datasheet
612Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2AW YFWDIODE-ES2AW Datasheet
82Kb / 3P
Surface MountSuperfast Recovery Rectifier
logo
Xian Semipower Electron...
ES2AW SEMIPOWER-ES2AW Datasheet
133Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Zibo Seno Electronic En...
ES2AW ZSELEC-ES2AW Datasheet
107Kb / 2P
2.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
logo
Shenzhen Yixinwei Techn...
ES2AW YIXIN-ES2AW Datasheet
261Kb / 3P
Surface Mount Superfast Recovery Rectifier
More results

Similar Description - ES2AW

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04_10 Datasheet
293Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Semiconducto...
FM4001-M CHENDA-FM4001-M Datasheet
133Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Central Semiconductor C...
CMR2-10 CENTRAL-CMR2-10_15 Datasheet
295Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Semiconducto...
SM4001PL CHENDA-SM4001PL Datasheet
593Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
GS3ABF CHENDA-GS3ABF Datasheet
631Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Shenzhen Yixinwei Techn...
SM4001PL YIXIN-SM4001PL Datasheet
104Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
1N4001 YIXIN-1N4001_10 Datasheet
148Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Semiconducto...
RS2AW CHENDA-RS2AW_V01 Datasheet
932Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
S2ABF CHENDA-S2ABF_V01 Datasheet
867Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
UN Semiconducctor INC
1N4007W UNSEMI-1N4007W Datasheet
2Mb / 4P
Surface Mount General Purpose Silicon Rectifier
Revision March 1,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com