Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL88694 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL88694
Description  SMBus Accelerator (SMA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88694 Datasheet(HTML) 6 Page - Intersil Corporation

  ISL88694 Datasheet HTML 1Page - Intersil Corporation ISL88694 Datasheet HTML 2Page - Intersil Corporation ISL88694 Datasheet HTML 3Page - Intersil Corporation ISL88694 Datasheet HTML 4Page - Intersil Corporation ISL88694 Datasheet HTML 5Page - Intersil Corporation ISL88694 Datasheet HTML 6Page - Intersil Corporation ISL88694 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FN8239.1
January 21, 2005
ISL88694 Operation
To improve the operation of the SMBus where larger bus
capacitance exists, the ISL88694 provides active pull-up
using switched current sources. When the bus is idle and
both lines are HIGH, a standby pull-up current of 100µA is
used to maintain the signal level while minimizing power
consumption. When either of the two signals is pulled LOW,
an active pull-up current of 275µA maintains a good VOL
noise margin.
When the bus line is released, it is pulled high by the
ISL88694 active current until the voltage exceeds the
VTRIPL level for a period of time. This voltage-time
combination filters out noise on the signal line. Once the
ISL88694 detects a valid rising edge, a 2.2mA boost current
pulls the bus line high very quickly (see Figure 8). This boost
current turns off when the input level reaches the VTRIPH
threshold and the pull-up current returns to the active level. If
both inputs are HIGH, the pull-up current drops to the
standby level of 100µA.
FIGURE 8. ISL88694 SMBus SYSTEM BOOST PULL-UP
COMPARED TO RESISTOR PULL-UP (VDD =
5.5V).
FIGURE 9. ISL88694 SMBus SYSTEM BOOST PULL-UP
COMPARED TO RESISTOR PULL-UP (VDD =
2.7V).
FIGURE 10. NOISE SUPPRESSION. BOOST CURRENT
APPLIED WHEN INPUT SIGNAL EXCEEDS 20Vns
(TYPICAL).
VTRIPL
With RC
Pullup
With ISL88694 SMA
VTRIPH
R=15.8K
C= 200pF
VTRIPL
With RC
Pullup
With ISL88694 SMA
VTRIPH
R=15.8K
C= 200pF
VTRIPL
Gnd
t
SMBus1
>20Vns
SMBus2
VDD
With SMA
Without SMA
(Typical)
VTRIPH
ISL88694



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com